データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • FPA-10-R

  • AI
    The **FPA-10-R** is an **Optical Power Attenuator**, specifically a "Plug-type" Fixed Fiber Optic Attenuator. These components are essential in fiber optic networks to reduce the power level of an optical signal without significantly distorting the waveform. --- ### 1. Technical Specifications The "10" in the model name typically indicates a fixed attenuation value of **10 dB**. Below are the standard electronic and optical characteristics: | Property | Specification | | :--- | :--- | | **Attenuation Value** | 10 dB | | **Operating Wavelength** | 1310nm / 1550nm (Dual Band) | | **Return Loss** | ≥ 50dB (UPC) / ≥ 60dB (APC) | | **Attenuation Tolerance** | ± 0.5dB | | **Connector Type** | Usually SC, LC, or FC (depending on suffix) | | **Operating Temp** | -40°C to +75°C | --- ### 2. Core Electronic/Optical Components While passive, the internal "electronic parts" (optical elements) involve precision engineering: 1. **Doped Fiber Element:** Unlike a simple resistor in electronics, the FPA-10-R uses a short length of **metal-ion doped fiber**. This fiber absorbs light energy and converts it into heat rather than reflecting it. 2. **Precision Ferrule:** A ceramic (Zirconia) ferrule aligns the input and output fibers with sub-micron precision to ensure signal integrity and low return loss. 3. **Dust Cap & Housing:** The outer shell is usually made of high-impact plastic or metal to protect the delicate doped fiber from electromagnetic interference (EMI) and physical stress. --- ### 3. Functional Use Cases The FPA-10-R acts as a "damper" for high-power laser signals. Its primary roles include: * **Preventing Receiver Saturation:** If a transmitter is too close to a receiver, the light may be too bright, causing bit errors or damaging the photodiode. The 10dB drop ensures the light falls within the receiver's **Dynamic Range**. * **Testing and Measurement:** Used in lab environments to simulate long-distance signal loss across a fiber link. * **Signal Balancing:** In WDM (Wavelength Division Multiplexing) systems, it helps balance power levels across different channels. --- ### 4. Comparison: Fixed vs. Variable Attenuators | Feature | FPA-10-R (Fixed) | Variable Attenuator (VOA) | | :--- | :--- | :--- | | **Reliability** | Extremely High (No moving parts) | Moderate | | **Cost** | Low | High | | **Flexibility** | Set to 10dB only | Adjustable (0-30dB) | ---
    ✨ Follow-up Questions
    • ⤷What is the difference between APC and UPC versions of the FPA-10-R?
    • ⤷ Can this attenuator be used for multi-mode fiber networks?
    • ⤷ How do I calculate if a 10dB attenuator is sufficient for my network?