データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • FPA-50-R

  • AI
    The **FPA-50-R** is a specialized high-power, high-precision radio frequency (RF) attenuator commonly used in telecommunications, laboratory testing, and signal processing. Its electronic architecture is designed to reduce the power of a signal without significantly distorting its waveform. --- ### Core Electronic Specifications The following table summarizes the primary electronic characteristics of the FPA-50-R: | Parameter | Typical Value / Range | Description | | :--- | :--- | :--- | | **Impedance** | 50 Ohms | Standard matching for RF systems to prevent signal reflection. | | **Frequency Range** | DC to 3.0 GHz | Operates across a wide spectrum including VHF, UHF, and L-band. | | **Power Rating** | 50 Watts (Average) | The maximum sustained power the internal resistors can dissipate. | | **Attenuation Value** | Fixed (e.g., 3dB, 6dB, 10dB, 20dB) | The specific reduction in signal strength (varies by sub-model). | | **VSWR** | ≤ 1.20:1 | Voltage Standing Wave Ratio; indicates high efficiency in signal transmission. | --- ### Key Electronic Components and Design The "R" in the model name often signifies a **ruggedized** or **fin-cooled** design. The internal electronics consist of several critical elements: #### 1. Thin/Thick Film Resistor Substrate The heart of the FPA-50-R is a high-stability resistive element. * **Material:** Usually Alumina or Beryllium Oxide (BeO) which allows for high thermal conductivity. * **Function:** Converts excess RF energy into heat. #### 2. Heat Sink Assembly Because 50 Watts is a significant amount of energy for a small electronic part, the component features: * **Anodized Aluminum Fins:** These dissipate heat into the ambient air. * **Thermal Interface Material (TIM):** Ensures maximum heat transfer from the internal resistor to the external casing. #### 3. Connector Interface The part typically uses **N-Type** or **SMA** connectors. * The center pin is usually gold-plated to ensure low contact resistance and prevent oxidation over time. * The dielectric (insulator) is typically PTFE (Teflon) to maintain constant impedance across high frequencies. --- ### Typical Circuit Representation In a simplified electronic schematic, the FPA-50-R acts as a **Pi (π) or T-network** of precision resistors calculated to maintain a 50-ohm match at both the input and output ports. ```text Input >-------[R1]-------+-------[R1]-------> Output | [R2] | Ground ``` *(Simplified T-pad attenuator circuit)*
    ✨ Follow-up Questions
    • ⤷ How do you calculate the power dissipation requirements for an RF attenuator?
    • ⤷ What are the differences between fixed and variable attenuators in RF circuits?
    • ⤷ How does VSWR affect the lifespan of high-power electronic components?