データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • FPE-12-R

  • AI
    The **FPE-12-R** is a specific electronic component typically identified as a **Fiber Optic PIN-TIA Receiver**. These devices are critical in high-speed optical communication systems, designed to convert incoming light signals (photons) into electrical signals (electrons). --- ## Technical Specifications & Characteristics The "FPE" series usually denotes a Pigtailed Optical Receiver module. Below are the typical electronic parts and specifications associated with this component: ### 1. Component Breakdown | Part | Function | | :--- | :--- | | **InGaAs PIN Photodiode** | The sensing element that detects light in the 1100nm to 1650nm wavelength range. | | **TIA (Transimpedance Amplifier)** | A low-noise amplifier integrated within the package to convert the weak current from the photodiode into a usable voltage. | | **Optical Pigtail** | A fiber optic cable (usually Single Mode or Multi-Mode) permanently attached to the diode for low-loss connection. | | **TO-Can Package** | The hermetically sealed metal housing that protects the sensitive semiconductors from moisture and EMI. | --- ### 2. Key Electronic Parameters Most modules in the FPE-12-R family follow these general performance metrics: * **Data Rate:** Typically optimized for rates up to **1.25 Gbps** (Gigabit Ethernet or Fibre Channel speeds). * **Wavelength Range:** 1260nm to 1620nm (optimized for 1310nm and 1550nm). * **Supply Voltage:** Generally operates on a **+3.3V** or **+5.0V** DC rail. * **Sensitivity:** High sensitivity (often < -24 dBm), allowing it to detect very faint optical signals over long distances. * **Output:** Differential output signals to reduce electromagnetic interference. --- ## Pinout Configuration (Common) *Note: Always refer to the specific manufacturer datasheet for exact wiring.* | Pin Number | Function | Description | | :--- | :--- | :--- | | **1** | **GND** | Case Ground / Circuit Ground | | **2** | **Vcc** | Power Supply Input | | **3** | **Dout** | Non-inverted Data Output | | **4** | **/Dout** | Inverted Data Output | --- ## Typical Applications 1. **SFP/SFF Transceiver Modules:** Used as the receiving "eye" inside optical transceivers. 2. **Fiber to the Home (FTTH):** Optical network terminals. 3. **Ethernet Switches:** High-speed backbone links. 4. **Test Equipment:** Optical power meters or signal analyzers.
    ✨ Follow-up Questions
    • ⤷ What is the maximum operating temperature for the FPE-12-R?
    • ⤷ How does a TIA amplifier improve signal quality in fiber optics?
    • ⤷ Can this component be used for 10Gbps data rates?