データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • FPE-16-R

  • AI
    The **FPE-16-R** is a specific type of passive electronic component, typically categorized as a **Flat Pack Delay Line** or a **Pulse Transformer**, depending on the specific manufacturer (most commonly associated with brands like PCA Electronics or Rhombus). Below is a breakdown of its technical specifications, construction, and typical use cases. --- ### 1. Technical Specifications The "16" in the part number usually refers to the number of pins (16-pin package), and the "R" often denotes compliance with specific standards or a specific configuration. | Feature | Description | | :--- | :--- | | **Package Type** | Surface Mount (SMD) or Thru-hole Flat Pack | | **Pin Count** | 16 Pins | | **Core Material** | Ferrite (for magnetic coupling) | | **Primary Function** | Signal timing, pulse shaping, or isolation | | **Impedance** | Typically 50Ω to 100Ω (Standard for data lines) | | **Operating Temp** | -40°C to +85°C (Standard Industrial) | --- ### 2. Internal Components & Construction The FPE-16-R is an integrated magnetic module. Unlike a single resistor or capacitor, it contains several sub-components inside its molded housing: 1. **Micro-Coils:** Tiny copper windings around toroidal ferrite cores. These create the inductance necessary for signal processing. 2. **Capacitor Elements:** Often used in conjunction with the coils to create LC (Inductor-Capacitor) networks for precise delay timing. 3. **Lead Frame:** A 16-pin metal frame that connects the internal microscopic wires to the PCB pads. 4. **Epoxy Encapsulation:** A rugged outer shell that protects the delicate internal magnetic wires from moisture and heat during soldering. --- ### 3. Functional Applications These parts are generally found in high-speed networking and telecommunications equipment. * **Delay Lines:** Used to synchronize clock signals in digital circuits by delaying a signal by a specific number of nanoseconds (ns). * **Pulse Transformers:** Used in Ethernet (10/100 Base-T) or T1/E1 interfaces to provide galvanic isolation and prevent noise from damaging sensitive ICs. * **Signal Filtering:** Helping to remove high-frequency noise from data lines to ensure signal integrity. --- ### 4. Circuit Symbol and Pinout In a schematic, the FPE-16-R is represented as a series of coupled inductors. ```text Standard 16-pin Layout (Typical): 1 [---] 16 (Input/Output) 2 [---] 15 3 [---] 14 4 [---] 13 (Center Taps) 5 [---] 12 6 [---] 11 7 [---] 10 8 [---] 9 ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the specific delay time (ns) for the FPE-16-R version you are using?
    • ⤷ Are you looking for a direct replacement or an equivalent part for a PCB repair?
    • ⤷ How does this part differ from a standard 10/100 Ethernet transformer?