データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • FPK-R-4A

  • AI
    The **FPK-R-4A** is a specialized high-performance fuse belonging to the **Class CC** category. These are rejection-type, current-limiting fuses commonly used in industrial control circuits and motor protection. --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Current Rating** | 4 Amperes | | **Voltage Rating (AC)** | 600 VAC | | **Interrupting Rating** | 200,000 Amps RMS Symmetrical | | **Fuse Class** | Class CC | | **Response Characteristic** | Fast-Acting / Time-Delay (Application dependent) | | **Body Material** | Melamine / Fiberglass | --- ### 2. Functional Electronic Components While a fuse is technically a single component, the "parts" that make up the FPK-R-4A are engineered for specific electrical behaviors: * **The Element:** A precision-etched copper or silver alloy strip designed to melt at exactly 4A over a specific time curve. * **Arc Quenching Filler:** The interior is filled with high-purity silica sand. When the fuse blows, the sand absorbs the heat and turns into glass (fulgurite), effectively extinguishing the electrical arc. * **Rejection Tip:** The "R" in the part number signifies a rejection feature. It has a physical groove or notch on one end that prevents it from being replaced by a lower-rated fuse (like a Class M fuse) in a Class CC fuse holder. * **End Caps:** High-conductivity tin-plated brass or copper ferrules ensure low resistance at the contact points. --- ### 3. Typical Applications The FPK-R-4A is primarily used to protect sensitive electronic equipment from overcurrent and short-circuit damage. * **Control Transformers:** Protecting the primary side of industrial control transformers. * **Motor Control Circuits:** Providing branch circuit protection where space is limited. * **Solenoids:** Preventing burnout in electromagnetic coils. * **PLCs:** Safeguarding Programmable Logic Controller power inputs. --- ### 4. Comparison with Standard Fuses Compared to standard glass fuses (like the 5x20mm or 3AG types), the FPK-R-4A offers: 1. **Higher Interrupting Capacity:** Can safely stop a massive 200kA surge without exploding. 2. **Voltage Rating:** Rated for 600V, whereas many electronic fuses are limited to 250V. 3. **Physical Ruggedness:** The melamine body is much more resistant to heat and vibration than glass.
    ✨ Follow-up Questions
    • ⤷ What is the difference between Class CC and Class J fuses?
    • ⤷ Can an FPK-R-4A be used in a DC circuit?
    • ⤷ How do I test if an FPK-R-4A fuse is blown using a multimeter?