データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • FPM-3151G-R3AE

  • AI
    The **FPM-3151G-R3AE** is an industrial-grade 15" XGA TFT LED LCD monitor manufactured by Advantech. It is designed for harsh environments, featuring a rugged design and specific electronic components that differentiate it from consumer-grade displays. Below is a detailed breakdown of its electronic parts and specifications. --- ### 1. Display and Visual Components The core of the device is its industrial-quality panel, designed for longevity and high visibility. | Component | Specification | Description | | :--- | :--- | :--- | | **Panel Type** | XGA TFT LED LCD | Provides better power efficiency and longer lifespan than older CCFL tubes. | | **Max Resolution** | 1024 x 768 | Standard 4:3 aspect ratio for industrial automation interfaces. | | **Luminance** | 400 cd/m² | High brightness for readability in well-lit factory environments. | | **Backlight Life** | 50,000 Hours | Designed for 24/7 continuous operation. | ### 2. Touch Control Electronics The "R" in the model name typically signifies the **Resistive** touch technology used in this unit. * **Touchscreen Type:** 5-wire Analog Resistive. * **Interface:** The touch data is transmitted via either **USB** or **RS-232 (Serial)** ports. * **Controller:** Integrated internal controller that translates physical pressure into X/Y coordinates for the OS. * **Durability:** Hardened surface (3H) to resist scratches and chemical exposure. ### 3. Input/Output (I/O) Interfaces The electronic backplane supports multiple signal standards to ensure compatibility with both legacy and modern Industrial PCs (IPCs). | Port Type | Function | | :--- | :--- | | **VGA Port** | Analog video input (D-Sub 15-pin). | | **Direct-VGA** | Optimized signal path to reduce EMI interference. | | **RS-232** | Alternative interface for touch screen data. | | **USB Type-A** | Standard interface for touch screen data. | ### 4. Power Management System Industrial monitors require robust power regulation to handle voltage spikes and electrical noise found on factory floors. * **Input Voltage:** 10VDC to 30VDC (Wide Range). * **Power Consumption:** Typically 18W (±20%). * **Protection:** Includes over-voltage and anti-surge protection circuitry. * **Power Connector:** Usually features a Phoenix-type terminal block for secure wiring in high-vibration environments. ### 5. Mechanical & Environmental Electronics * **Enclosure:** Die-cast aluminum alloy front bezel which acts as a heat sink for internal components. * **IP Rating:** The front panel is **IP65 certified**, meaning the electronic seals prevent water and dust ingress. * **Grounding:** Dedicated grounding screw to prevent electrostatic discharge (ESD) from damaging the internal logic boards. ---
    ✨ Follow-up Questions
    • ⤷ What are the mounting options available for the FPM-3151G?
    • ⤷ How do I calibrate the 5-wire resistive touch screen?
    • ⤷ Does this model support digital video inputs like HDMI or DisplayPort?