データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • FPM-3151SR-R3AE

  • AI
    The **FPM-3151SR-R3AE** is an industrial-grade 15" LED backlight monitor designed by Advantech. It is specifically engineered for harsh environments, featuring a sunlight-readable display and robust electronic protection. --- ### Core Electronic Specifications | Component | Specification | Details | | :--- | :--- | :--- | | **Display Type** | XGA TFT LED LCD | 15-inch diagonal screen | | **Max Resolution** | 1024 x 768 | Standard 4:3 aspect ratio | | **Luminance (Brightness)** | 1200 cd/m² | High brightness for outdoor visibility | | **Backlight Lifetime** | 50,000 Hours | Long-term operational reliability | | **Contrast Ratio** | 700:1 | Clear differentiation between dark and light | | **Viewing Angle** | 160° (H) / 140° (V) | Wide viewing range for operators | --- ### Key Electronic Subsystems #### 1. Input/Output (I/O) Connectivity The electronic control board supports multiple signal standards to ensure compatibility with industrial PCs (IPCs): * **Video Ports:** 1 x VGA and 1 x HDMI (allowing for both analog and digital signals). * **Touch Interface:** Dual interface support via **USB** or **RS-232 (Serial)**. This allows the touchscreen controller to communicate with the host computer. #### 2. Touchscreen Technology The unit utilizes a **5-wire Resistive Touch** system. Unlike capacitive screens (like smartphones), resistive technology relies on pressure. * **Electronic Benefit:** It can be operated while wearing heavy industrial gloves and is immune to surface contaminants like water or grease. #### 3. Power Management Designed for industrial power grids, the internal electronics are protected against fluctuations: * **Input Voltage:** 12 $V_{DC}$ (via a locking DC jack). * **External Adapter:** Usually includes a 100~240 $V_{AC}$ to 12 $V_{DC}$ 60W power adapter. * **Power Consumption:** Typically around 18W + 20% during full brightness operation. #### 4. Environmental Protection Electronics The enclosure and internal sealing provide an **IP65 rating** for the front panel. Electronically, this means: * **Chassis Grounding:** Integrated grounding to prevent Electrostatic Discharge (ESD). * **Thermal Management:** The electronics are rated for a wide operating temperature range (-20 ~ 60°C or -4 ~ 140°F). --- ### Summary of Physical Interface * **OSD (On-Screen Display) Buttons:** Located on the rear/bottom to adjust brightness, contrast, and phase electronically. * **Mounting Support:** VESA, Panel, and Wall mount options.
    ✨ Follow-up Questions
    • ⤷ What is the difference between the R3AE version and previous revisions?
    • ⤷ Can this monitor be used with a 24V DC power source?
    • ⤷ How does the 'Sunlight Readable' technology affect the power consumption compared to standard monitors?