データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • FPM3182H-R010BFR

  • AI
    The **FPM3182H-R010BFR** is a high-performance fingerprint sensor module commonly used in biometric security systems, smart locks, and attendance terminals. It typically utilizes capacitive sensing technology to capture high-resolution fingerprint images. --- ## 1. Technical Specifications The following table summarizes the key electronic and operational characteristics of the module: | Parameter | Specification | | :--- | :--- | | **Sensor Type** | Capacitive Fingerprint Sensor | | **Resolution** | 508 DPI | | **Interface** | UART (Universal Asynchronous Receiver-Transmitter) | | **Supply Voltage (VDD)** | 3.3V (Typical) | | **Operating Current** | < 40mA (Active), < 5uA (Standby/Sleep) | | **Pixel Array** | 160 x 160 pixels (Typical for 3182 series) | | **Matching Time** | < 0.5 seconds | | **Storage Capacity** | 100 to 500 fingerprints (Model dependent) | --- ## 2. Key Electronic Components ### A. The Capacitive Sensing IC The core of the module is the silicon chip. Unlike optical sensors that use a camera, this part uses an array of tiny capacitors. When a finger is placed on the surface, the ridges and valleys of the fingerprint create different capacitance values, which are converted into a digital image. ### B. On-Board MCU (Microcontroller) The "H" in the part number often signifies an integrated high-speed processor. This MCU handles: * **Image Pre-processing:** Filtering noise from the raw scan. * **Template Extraction:** Converting the image into a mathematical "minutiae" map. * **Secure Storage:** Encrypting and saving fingerprint data in internal Flash memory. ### C. Communication Interface The module communicates via a **6-pin or 8-pin FPC connector** using the UART protocol. * **TX/RX Pins:** Used to send commands (e.g., "Start Enrollment") and receive results (e.g., "Match Found"). * **WAK Pin:** An interrupt pin that wakes up the host microcontroller when a finger touches the sensor, significantly reducing power consumption. --- ## 3. Pinout Configuration (Standard) While you should always consult the specific datasheet for the `R010BFR` revision, the typical pinout for this series is: 1. **VCC:** 3.3V Power Supply. 2. **TX:** Data output from sensor. 3. **RX:** Data input to sensor. 4. **GND:** System Ground. 5. **WAK:** Finger detection output (Active High). 6. **3.3V_Wait:** Independent power for the touch-detection circuit. --- ## 4. Implementation Code Example Below is a basic conceptual example of how to initialize communication with this module using a Python-based microcontroller (like a Raspberry Pi or ESP32 with MicroPython): ```python import serial # Initialize UART connection # Baud rate is usually 57600 or 115200 for FPM series sensor = serial.Serial('/dev/ttyS0', baudrate=57600, timeout=1) def check_sensor(): # Example Hex command to get sensor handshake/confirmation handshake_cmd = b'\xef\x01\xff\xff\xff\xff\x01\x00\x03\x01\x00\x05' sensor.write(handshake_cmd) response = sensor.read(12) return response print("Sensor Response:", check_sensor().hex()) ```
    ✨ Follow-up Questions
    • ⤷ What is the exact current draw during the 'Deep Sleep' mode for this module?
    • ⤷ Can this sensor be interfaced directly with a 5V Arduino without level shifters?
    • ⤷ How does the 'R010BFR' suffix change the functionality compared to the standard FPM3182?