データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • FPM3184H-R010DAQ

  • AI
    The **FPM3184H-R010DAQ** is a specialized industrial-grade display module, typically integrated into Human-Machine Interface (HMI) systems, kiosk terminals, or industrial control panels. Below is a detailed breakdown of its electronic components and technical specifications. --- ## 1. Core Technical Specifications This module is designed for high-performance visual output in demanding environments. | Parameter | Specification | | :--- | :--- | | **Panel Type** | Active Matrix TFT-LCD | | **Resolution** | 1280 x 1024 (SXGA) | | **Display Ratio** | 5:4 | | **Interface Type** | LVDS (Low-Voltage Differential Signaling) | | **Touch Technology** | Resistive or Capacitive (model variant dependent) | | **Backlight** | LED (Long-life, 50,000+ hours) | --- ## 2. Key Electronic Components The internal architecture of the FPM3184H-R010DAQ consists of several critical sub-systems: ### A. The A/D (Analog-to-Digital) Controller Board This is the "brain" of the display. It converts incoming signals (VGA, DVI, or HDMI) into the LVDS signals the LCD panel can understand. * **Scaling Engine:** Handles image resizing to ensure the input signal fits the native 1280x1024 resolution. * **OSD Controller:** Manages the On-Screen Display for brightness, contrast, and color adjustments. ### B. Backlight Driver (Inverter/LED Driver) Since this unit uses an LED backlight, it contains a constant current driver circuit. * **Function:** Regulates the voltage and current to the LEDs to ensure uniform brightness. * **Dimming:** Supports PWM (Pulse Width Modulation) for brightness control. ### C. Touch Screen Controller The "R010" suffix often refers to the touch integration. * **Interface:** Usually communicates via **USB** or **RS-232**. * **Processing:** Converts physical pressure or capacitive changes into X/Y coordinates for the OS. --- ## 3. Connectivity and I/O The electronic interface on the rear of the unit generally includes: 1. **Video Inputs:** * 1x VGA (D-Sub 15-pin) * 1x DVI-D or HDMI 2. **Power Input:** Typically a 12V DC or 24V DC phoenix-type terminal block for industrial power supplies. 3. **Touch Port:** USB Type-B or Serial port for touch data transmission. --- ## 4. Environmental & Protection Electronics To survive industrial environments, the electronics include: * **NEMA/IP Rating:** Often features an IP65-rated front bezel to protect electronics from dust and water. * **Voltage Protection:** Integrated OVP (Over Voltage Protection) and EMI filtering to prevent damage from electrical noise on the factory floor. ---
    ✨ Follow-up Questions
    • ⤷ What are the power consumption requirements for the FPM3184H-R010DAQ?
    • ⤷ Which specific touch controller driver is needed for Windows or Linux integration?
    • ⤷ Does this model support wide-temperature operating ranges for outdoor use?