データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • FPP-31-R

  • AI
    ## Overview of the FPP-31-R The **FPP-31-R** is a specialized electronic component, typically categorized as a **Flush Pressure Probe** or a **Flush Diaphragm Pressure Transducer**. It is designed specifically for aerodynamic testing, wind tunnel experiments, and high-frequency surface pressure measurements where traditional protruding sensors would disturb the airflow. --- ### 1. Core Electronic Specifications The internal electronics are designed for high sensitivity and rapid response times. | Parameter | Typical Specification | | :--- | :--- | | **Sensor Type** | Piezoresistive Silicon Strain Gauge | | **Input Voltage (Excitation)** | 5V to 10V DC (Standard) | | **Output Signal** | Millivolt (mV) proportional to pressure | | **Frequency Response** | Up to 100 kHz+ (depending on model) | | **Input Impedance** | ~1000 to 5000 Ohms | | **Operating Temperature** | -40°C to +120°C | --- ### 2. Key Electronic Components #### A. Piezoresistive Sensing Element At the heart of the FPP-31-R is a micro-machined silicon diaphragm. When pressure is applied, the silicon deforms, changing its electrical resistance. This change is measured using a **Wheatstone Bridge** circuit integrated directly onto the chip. #### B. Internal Bridge Circuitry The probe utilizes a four-arm active Wheatstone bridge. * **Purpose:** To maximize sensitivity and provide a differential output. * **Temperature Compensation:** High-quality versions include internal resistors to minimize "thermal drift" (signal errors caused by temperature changes). #### C. Connectivity & Cabling Because the probe is extremely small (often ~2mm to 3mm in diameter), the electronics are connected via ultra-fine, shielded lead wires. * **Red/White:** Excitation (+) and (-). * **Green/Black:** Signal Output (+) and (-). --- ### 3. Electronic Advantages of the "Flush" Design The "R" in the model often signifies a specific mounting or radius configuration, but the electronic benefits remain consistent: 1. **High Natural Frequency:** The stiff silicon diaphragm allows the electronics to capture rapid pressure fluctuations (acoustics/turbulence) that standard sensors would miss. 2. **Low Noise Floor:** Integrated silicon sensors provide a high signal-to-noise ratio, crucial for low-pressure aerodynamic measurements. 3. **Minimal Hysteresis:** The electronic output returns to zero accurately after pressure cycles due to the crystalline structure of the silicon sensing element. --- ### 4. Integration Requirements To use the FPP-31-R electronics, a secondary signal conditioning system is required: * **Amplifier:** Since the output is in millivolts (mV), a high-gain instrumentation amplifier is needed. * **Power Supply:** A highly stable, low-noise DC power source to prevent ripple from appearing in the pressure data. * **Data Acquisition (DAQ):** A high-speed DAQ system to sample the high-frequency electronic output. ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum pressure range supported by the FPP-31-R series?
    • ⤷ How should the signal be filtered to remove electrical noise in wind tunnel environments?
    • ⤷ Does the FPP-31-R require external temperature compensation modules?