データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • FPP-31-R/Q

  • AI
    The **FPP-31-R/Q** typically refers to a specialized series of **Pin-Type Power Probes** or interface components, often associated with test and measurement equipment (specifically related to resistivity or semiconductor testing, such as those used with Four-Point Probe systems). Below is a breakdown of the electronic and mechanical characteristics of these parts. --- ### 1. Component Overview The "R/Q" suffix usually designates the tip configuration (Radius vs. Quality/Material specifications). These parts are precision-engineered to provide electrical contact with a sample under test. | Feature | Specification Details | | :--- | :--- | | **Material** | Usually Tungsten Carbide or Osmium for high durability. | | **Contact Resistance** | Extremely low (milli-ohm range) to ensure accurate measurement. | | **Spring Force** | Ranges from 45g to 180g depending on the specific model. | | **Tip Radius** | Varies between 12.5 microns to 500 microns. | --- ### 2. Key Electronic Characteristics #### A. Conductivity & Signal Integrity The probes are designed to minimize "thermal EMF" (electromotive force). Because these probes are used in Four-Point Probe measurements (Kelvin sensing), the electronic design ensures that: * The **Current (I)** pins can handle stable DC flow. * The **Voltage (V)** pins have high impedance isolation to prevent circuit loading. #### B. The "Four-Point" Methodology The electronic functionality relies on separating the current and voltage paths: 1. **Outer Pins:** Supply a known constant current. 2. **Inner Pins:** Measure the voltage drop across the sample. 3. **Result:** This eliminates the lead and contact resistance from the measurement, which is critical for semiconductor wafer characterization. --- ### 3. Physical & Material Composition | Part Segment | Common Material | Electronic Purpose | | :--- | :--- | :--- | | **Tip** | Tungsten Carbide | Provides a hard, conductive interface that penetrates oxide layers. | | **Barrel** | Phosphor Bronze (Gold plated) | Ensures low-resistance internal signal path. | | **Spring** | Music Wire or Stainless Steel | Maintains constant pressure for repeatable electronic contact. | --- ### 4. Application Context The FPP-31-R/Q parts are standard components in: * **Sheet Resistivity Testing:** Measuring the thickness of metallic thin films. * **Wafer Characterization:** Testing the doping concentration of silicon wafers. * **Solar Cell Testing:** Checking the efficiency of conductive layers. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between the 'R' and 'Q' tip radius specifications?
    • ⤷ How do I calibrate a Four-Point Probe system using these parts?
    • ⤷ What are the maintenance requirements for Tungsten Carbide probe tips?