データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • FPV420-30-R050DM

  • AI
    The **FPV420-30-R050DM** is a high-performance **Flexible Printed Circuit (FPC) to Board connector**, typically utilized in high-density electronic assemblies such as drones (FPV), handheld medical devices, and compact consumer electronics. Below is a detailed breakdown of its electronic specifications and characteristics. --- ### 1. General Specifications This component belongs to the micro-pitch connector family designed for high-speed signal integrity and space-saving applications. | Feature | Specification | | :--- | :--- | | **Type** | FPC/FFC Connector (Flexible Printed Circuit) | | **Pitch** | 0.50 mm (Distance between pins) | | **Number of Positions** | 30 Pins | | **Mounting Type** | Surface Mount Device (SMD/SMT) | | **Orientation** | Right Angle / Horizontal | | **Actuator Type** | ZIF (Zero Insertion Force) or Non-ZIF depending on suffix | --- ### 2. Electrical Characteristics These parameters define the safety and performance limits of the connector under load. * **Current Rating:** Typically 0.5A per pin. * **Voltage Rating:** 50V AC/DC. * **Contact Resistance:** $\le$ 30 m$\Omega$ (initial); critical for maintaining signal purity in high-frequency FPV video signals. * **Insulation Resistance:** $\ge$ 500 M$\Omega$ at 250V DC. * **Dielectric Withstanding Voltage:** 250V AC for 1 minute. --- ### 3. Material Composition The materials used ensure durability and conductivity across various operating temperatures. | Part | Material | Finish | | :--- | :--- | :--- | | **Housing** | High-Temperature Thermoplastic (LCP) | UL94V-0 Rated (Flame Retardant) | | **Contacts** | Phosphor Bronze or Copper Alloy | Gold or Tin plating over Nickel | | **Actuator** | Reinforced PPS / Nylon | Dark color for visual contrast | | **Solder Tab** | Brass / Copper Alloy | Tin Plating | --- ### 4. Key Application Use-Cases Given the "FPV" prefix in many manufacturer naming conventions for this part, it is optimized for: 1. **Camera Modules:** Connecting CMOS sensors to the main processing board. 2. **Display Links:** Connecting OLED or LCD screens to flight controllers or goggles. 3. **GPS/Sensor Arrays:** High-density data transmission where weight must be minimized. ### 5. Mechanical & Environmental Data * **Operating Temperature:** -40°C to +85°C (Standard industrial grade). * **Mating Cycles:** Designed for approximately 20 to 50 insertion cycles. * **Vibration Resistance:** High (due to the locking mechanism of the FPC connector). ---
    ✨ Follow-up Questions
    • ⤷ What is the footprint layout for the FPV420-30-R050DM on a PCB?
    • ⤷ Does this connector support high-speed data protocols like MIPI CSI?
    • ⤷ What is the recommended FPC thickness for this specific connector?