データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • FR3JB

  • AI
    ## Technical Overview of the FR3JB Diode The **FR3JB** is a Surface Mount (SMD) Fast Recovery Rectifier. It is commonly used in power management and switching applications where efficiency and speed are critical. ### 1. Key Specifications and Ratings Below are the primary electrical characteristics of the FR3JB diode. | Parameter | Symbol | Value | Unit | | :--- | :--- | :--- | :--- | | **Maximum Repetitive Peak Reverse Voltage** | $V_{RRM}$ | 600 | Volts | | **Maximum RMS Voltage** | $V_{RMS}$ | 420 | Volts | | **Maximum Average Forward Rectified Current** | $I_{F(AV)}$ | 3.0 | Amperes | | **Maximum Reverse Recovery Time** | $t_{rr}$ | 150 | nanoseconds | | **Maximum Forward Voltage Drop (@ 3.0A)** | $V_F$ | 1.3 | Volts | | **Package Type** | - | SMB (DO-214AA) | - | --- ### 2. Functional Description * **Fast Recovery Time ($t_{rr}$):** Unlike standard rectifiers (like the 1N4007 series), the FR3JB has a very short recovery time (150ns). This allows the diode to switch from a conducting state to a blocking state quickly, reducing power loss during high-frequency operation. * **Current Capacity:** It supports up to 3 Amps, making it suitable for medium-power DC-DC converters and motor drivers. * **Voltage Handling:** With a 600V peak reverse voltage rating, it can safely handle significant voltage spikes and AC mains rectification in many SMPS (Switched-Mode Power Supply) designs. --- ### 3. Physical Attributes & Pinout The FR3JB is typically housed in an **SMB (DO-214AA)** package. This is a plastic surface-mount package designed for automated assembly. * **Cathode:** Marked by a color band on the body of the component. * **Anode:** The side without the band. --- ### 4. Common Applications Due to its high speed and current rating, the FR3JB is frequently found in: 1. **SMPS Circuits:** Used in the output rectification stage of switching power supplies. 2. **Freewheeling Diodes:** Protects switches (like MOSFETs) from inductive kicks in motor control or relay circuits. 3. **Inverters:** High-frequency rectification for solar or battery-operated inverters. 4. **DC-DC Converters:** Efficiency improvement over standard recovery diodes. ---
    ✨ Follow-up Questions
    • ⤷What are the main differences between FR3JB and a Schottky diode like SS36?
    • ⤷ How does the recovery time of FR3JB impact heat dissipation in high-frequency circuits?
    • ⤷ What are the recommended footprint dimensions for the SMB package?