データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • FR601-R-6

  • AI
    The **FR601-R-6** is a specific part number representing a **Fast Recovery Rectifier Diode**. This component is widely used in power conversion circuits where high-speed switching and high current handling are required. ### 1. Key Technical Specifications The "FR601" designation defines its electrical characteristics, while the suffix usually denotes packaging or reel specifications. | Parameter | Value | Description | | :--- | :--- | :--- | | **Component Type** | Fast Recovery Diode | High-speed switching diode | | **Max Peak Reverse Voltage ($V_{RRM}$)** | 50V | Maximum voltage it can block in reverse | | **Forward Current ($I_{F(AV)}$)** | 6.0 Amperes | Continuous current handling capacity | | **Reverse Recovery Time ($t_{rr}$)** | 150 ns | Time taken to stop conducting after polarity switch | | **Max Forward Voltage Drop ($V_F$)** | 1.3V | Voltage lost across the diode at rated current | | **Operating Temperature** | -65 to +150 °C | Thermal operating range | | **Package Type** | R-6 | Axial leaded plastic package | --- ### 2. Physical Characteristics: The R-6 Package The **R-6** package is a large, cylindrical, plastic axial-lead package. Because this diode handles 6 Amps of current, it is significantly larger than standard 1A diodes (like the DO-41). * **Case:** Void-free molded plastic. * **Terminals:** Plated axial leads, solderable per MIL-STD-202. * **Polarity:** Color band denotes the **Cathode** end. * **Mounting:** Through-hole mounting on PCBs. --- ### 3. Applications and Usage The FR601 is designed for circuits that switch on and off rapidly. Standard rectifiers (like the 1N5408) are too slow for high-frequency applications and would overheat. * **Switching Power Supplies (SMPS):** Used in the output rectification stage. * **DC-DC Converters:** Managing energy flow between different voltage levels. * **Inverters:** Converting DC to AC at high frequencies. * **Freewheeling Diodes:** Protecting circuits from inductive spikes in motor controllers. --- ### 4. Comparison: Fast Recovery vs. Standard Diode ` ` `text Standard Diode (e.g., 6A10): - Slow recovery time (~1500ns to 2000ns) - Used for 50/60Hz AC rectification. Fast Recovery Diode (FR601): - Fast recovery time (150ns) - Reduces switching losses and heat in high-speed circuits. ` ` ` ---
    ✨ Follow-up Questions
    • ⤷ What are the differences between the FR601 and the FR607 models?
    • ⤷ Can a Schottky diode be used as a replacement for the FR601 in high-frequency circuits?
    • ⤷ What are the thermal management requirements for an R-6 package at 6 Amps?