データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • FRN-R-40

  • AI
    ## Technical Overview: FRN-R-40 Fuse The **FRN-R-40** is a specific type of industrial-grade electrical fuse belonging to the **Fusetron™** series, manufactured primarily by Eaton (Bussmann Division). It is designed to protect electrical circuits and components from overcurrents and short circuits. --- ### 1. Key Specifications The following table highlights the critical technical parameters of the FRN-R-40: | Feature | Specification | | :--- | :--- | | **Current Rating** | 40 Amperes | | **Voltage Rating (AC)** | 250 Volts | | **Voltage Rating (DC)** | 125 Volts | | **Interrupting Rating** | 200,000A (RMS Symmetrical) | | **Fuse Class** | Class RK5 | | **Type** | Dual-Element, Time-Delay | | **Body Material** | Fiberglass or Melamine | --- ### 2. Core Functional Components The "Electronic" or physical parts inside the FRN-R-40 are designed for a dual purpose: * **Dual-Element Construction:** * **The Thermal Element:** This part handles low-level overloads. It consists of a spring-loaded mechanism held by a calibrated solder joint. If the current exceeds 40A for a sustained period, the solder melts, and the spring pulls the circuit apart. * **The Instantaneous Element:** A notched copper or alloy link designed to melt instantly when a high-level short circuit occurs (up to 200,000A). * **Time-Delay Feature:** Unlike "Fast-Acting" fuses, the FRN-R-40 can ignore temporary current surges (like a motor starting up) for a few seconds. It will only blow if the high current persists, preventing "nuisance blowing." * **Rejection Feature:** The "R" in the name stands for **Rejection**. The fuse has a specific physical notch in one of its end caps. This prevents a lower-rated fuse (like a Class K) from being accidentally installed in a Class R fuse holder, ensuring safety standards are maintained. --- ### 3. Common Applications Due to its 40A rating and time-delay characteristics, the FRN-R-40 is typically used in: 1. **Motor Circuits:** Handling the high in-rush current during motor startup. 2. **Mains Power Panels:** Protecting branch circuits in residential or commercial buildings. 3. **Transformers:** Protecting against primary and secondary overcurrent. 4. **Solenoids:** Where temporary inductive spikes are common. --- ### 4. Comparison: FRN-R vs. FRS-R | Series | Voltage Rating | Typical Color | Best Use | | :--- | :--- | :--- | :--- | | **FRN-R** | 250V | Green/Black Label | General 240V circuits | | **FRS-R** | 600V | Yellow/Orange Label | Heavy Industrial 480V/600V |
    ✨ Follow-up Questions
    • ⤷ What is the difference between an RK5 and an RK1 fuse class?
    • ⤷ How do I test if an FRN-R-40 fuse is blown using a multimeter?
    • ⤷ Can I use an FRN-R-40 in a DC circuit higher than 125V?