データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • FRN-R-70

  • AI
    The **FRN-R-70** is a specific type of industrial-grade electrical fuse. It is a member of the **Fusetron™** family manufactured by Eaton (Bussmann Series). Below is a detailed breakdown of its specifications and electrical characteristics. --- ### 1. Technical Specifications The model name "FRN-R-70" provides a roadmap of its capabilities: | Feature | Specification | Description | |:---|:---|:---| | **Amperage Rating** | 70 Amps | The maximum continuous current it can carry. | | **Voltage Rating** | 250 VAC (or 125 VDC) | Rated for low-voltage power distribution. | | **Class** | Class RK5 | National Electrical Code (NEC) standard for safety. | | **Interrupting Rating** | 200,000A RMS Sym. | The maximum fault current it can safely clear. | | **Type** | Dual-Element | Contains two distinct internal mechanisms. | --- ### 2. Internal Electronic Components The FRN-R-70 is a **Dual-Element, Time-Delay** fuse. It contains two functional parts working in series: #### A. The Thermal Element (Overload Protection) * **Mechanism:** Usually a spring-loaded solder joint. * **Function:** Designed to handle "nuisance" surges. If a motor starts up and draws high current for a few seconds, this element absorbs the heat without blowing. * **Behavior:** It only trips if a sustained overload (e.g., 125% of the rating) persists for a specific period. #### B. The Magnetic/Link Element (Short-Circuit Protection) * **Mechanism:** A notched copper or silver alloy link. * **Function:** Reacts instantly to massive spikes in current (Short circuits). * **Behavior:** It melts in milliseconds to prevent fires or explosions during a direct ground fault. --- ### 3. Key Applications Because of its **Time-Delay** characteristic, the FRN-R-70 is primarily used for: 1. **Motor Circuits:** It handles the high "in-rush" current when a motor first starts without blowing. 2. **Transformer Protection:** Manages the initial magnetization current. 3. **General Feeders:** Used in service entrance switches and panelboards. --- ### 4. Comparison: FRN-R vs. FRS-R | Feature | FRN-R-70 | FRS-R-70 | |:---|:---|:---| | **Max Voltage** | 250 Volts | 600 Volts | | **Size** | Smaller (250V frame) | Larger (600V frame) | | **Application** | Residential/Light Industrial | Heavy Industrial | ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between an RK1 and an RK5 fuse like the FRN-R-70?
    • ⤷ How do I test if an FRN-R-70 fuse is blown using a multimeter?
    • ⤷ Can I use an FRN-R-70 in a DC circuit?