データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • FRS-12-R

  • AI
    The **FRS-12-R** is a specific electronic component primarily associated with **Schurter**, a well-known manufacturer of fuses and circuit protection devices. Specifically, this part number refers to a **Non-resettable Fuse** from their FRS series. Below is a detailed breakdown of its electronic characteristics and specifications. --- ## 1. Technical Specifications The FRS-12-R is a subminiature, radial-leaded fuse designed for PCB (Printed Circuit Board) mounting. | Feature | Specification | | :--- | :--- | | **Type** | Subminiature Fuse (Radial) | | **Current Rating** | 12 Amps (Typical for the -12 designation) | | **Voltage Rating (AC)** | 125 VAC | | **Voltage Rating (DC)** | 125 VDC | | **Response Time** | Fast-Acting (F) | | **Mounting Type** | Through-Hole (Radial Leads) | | **Body Material** | Thermoplastic / Ceramic | | **Termination Style** | Solder Pins | --- ## 2. Key Electronic Characteristics ### A. Fast-Acting Response The "R" in many fuse series signifies compliance with specific standards or "Fast-Acting" characteristics. This means the fuse is designed to open very quickly (within milliseconds) when an overcurrent condition occurs. This is critical for protecting sensitive semiconductor components that cannot withstand even brief surges. ### B. Interrupting Rating This component has a specific "Breaking Capacity." For the FRS series, this is typically around **50A to 100A at 125VAC/DC**. This defines the maximum current the fuse can safely interrupt without exploding or causing an arc flash. ### C. Low Internal Resistance To minimize power loss and heat generation during normal operation, the FRS-12-R is engineered with low internal resistance, ensuring that the voltage drop across the component is negligible. --- ## 3. Physical Construction * **Form Factor:** It usually features a rectangular or cylindrical plastic housing. * **Lead Spacing:** Standard pitch (often 5.08mm) for easy integration into automated PCB assembly lines. * **Encapsulation:** The internal element is protected by a flame-retardant housing to ensure safety during a failure event. --- ## 4. Common Applications The FRS-12-R is typically found in the following electronic environments: 1. **Power Supplies:** Protecting the input or output stages of AC/DC converters. 2. **Consumer Electronics:** Used in chargers, monitors, and audio equipment. 3. **Industrial Controllers:** Protecting PLC (Programmable Logic Controller) outputs. 4. **Battery Chargers:** Preventing overcurrent during high-rate charging cycles. --- ## 5. Comparison: FRS-12-R vs. Resettable Fuses (PTCs) Unlike a PTC (Positive Temperature Coefficient) thermistor, the FRS-12-R is a **one-time** device. Once the internal wire melts due to a fault, the component must be desoldered and replaced. The advantage of this "non-resettable" type is a more precise trip current and a complete physical disconnection of the circuit.
    ✨ Follow-up Questions
    • ⤷ What is the difference between the FRS-12-R and a slow-blow fuse?
    • ⤷ Can the FRS-12-R be used in 220V applications?
    • ⤷ How do I test if an FRS-12-R fuse is blown using a multimeter?