データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • FRS-R

  • AI
    The **FRS-R** (part of the Fusetron™ series) is a high-performance, UL Class RK5 current-limiting, dual-element time-delay fuse. It is a critical electronic component used primarily for motor protection and general-purpose branch circuits. --- ## 1. Technical Specifications The FRS-R is defined by its physical size and its specific electrical response characteristics. | Feature | Description | | :--- | :--- | | **Class** | RK5 | | **Voltage Rating** | Up to 600Vac / 300Vdc | | **Ampere Range** | 0.1A to 600A | | **Interrupting Rating** | 200,000A RMS Symmetrical (AC) / 20,000A (DC) | | **Material** | Fiberglass tube with brass end caps | --- ## 2. Key Electronic Features ### A. Dual-Element Design Unlike a standard fast-acting fuse, the FRS-R contains two distinct components: 1. **Thermal Element:** Handles low-level overloads. It utilizes a spring-loaded solder trigger that melts if a modest overcurrent persists, providing a "time-delay." 2. **Short-Circuit Element:** A notched copper link that reacts almost instantaneously to massive surges (short circuits). ### B. Time-Delay Characteristic The FRS-R provides a minimum of **10 seconds delay at 500%** of the rated current. This is vital for electronic motors because: * **Inrush Current:** Motors require a large burst of energy to start. * **Nuisance Tripping:** A standard fuse would blow during a normal motor start; the FRS-R "ignores" this temporary surge but still protects against long-term overheating. ### C. Current Limitation Even though it has a time-delay for small overloads, it is **Current Limiting** during short circuits. This means it clears a high-magnitude fault in less than half a cycle, preventing electronic components downstream from being destroyed by magnetic and thermal forces. --- ## 3. Applications and Usage ### Primary Uses * **Motor Protection:** Provides the best "sizing" for motor branch circuits to prevent motor burnout. * **Transformer Protection:** Resists the magnetizing inrush current of transformers. * **General Feeder Circuits:** Used in industrial panels where high interrupting ratings (up to 200kA) are required. ### Comparison: FRS-R vs. FRN-R * **FRS-R:** Rated for **600V** systems. * **FRN-R:** Rated for **250V** systems. * *Note: An FRS-R can replace an FRN-R (higher voltage rating), but an FRN-R cannot replace an FRS-R.* --- ## 4. Safety and Coordination The FRS-R is often used in **Selective Coordination**. Because of its predictable time-delay curve, engineers can ensure that only the fuse closest to a fault opens, preventing a localized electrical issue from shutting down an entire facility.
    ✨ Follow-up Questions
    • ⤷What is the difference between Class RK1 and Class RK5 fuses?
    • ⤷ How do you calculate the correct FRS-R fuse size for a 3-phase motor?
    • ⤷ Can FRS-R fuses be used in DC solar power applications?