データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • FRS-R-12

  • AI
    ## Technical Overview: FRS-R-12 Fuse The **FRS-R-12** is a high-performance, industrial-grade cartridge fuse belonging to the **Fusetron™** series manufactured by Eaton (Bussmann Division). It is a dual-element, time-delay fuse designed specifically for motor circuits and inductive loads. ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Model Number** | FRS-R-12 | | **Current Rating** | 12 Amperes | | **Voltage Rating (AC)** | 600 Vac | | **Voltage Rating (DC)** | 300 Vdc | | **Interrupting Rating (IR)** | 200,000A RMS Symmetrical (AC) / 20,000A (DC) | | **Fuse Class** | Class RK5 | | **Element Type** | Dual-Element (Time-Delay) | | **Body Material** | Fiberglass or Melamine tube | --- ### 2. Core Electronic Components & Design The FRS-R-12 is not a "simple" wire; it contains a **dual-element structure** that allows it to handle different types of electrical faults: #### A. The Thermal Element (Overload Protection) * **Function:** Handles low-level overcurrents (overloads). * **Mechanism:** Consists of a spring-loaded solder joint. When the current stays slightly above 12A for too long, the heat melts the solder, and the spring pulls the circuit open. * **Benefit:** This provides the **time-delay** characteristic, allowing for temporary surges (like motor startups) without blowing the fuse. #### B. The Magnetic/Instantaneous Element (Short Circuit Protection) * **Function:** Handles high-level faults (short circuits). * **Mechanism:** A notched copper link designed to vaporize instantly when hit by a massive current spike. * **Benefit:** Provides ultra-fast clearing of short circuits to prevent equipment explosions or fires. --- ### 3. Application & Protection Features * **Motor Protection:** Ideally suited for motor branch circuits where high "in-rush" current is present. It prevents "nuisance tripping" during the first few seconds of motor startup. * **Rejection Feature:** The "R" in FRS-R denotes the rejection feature. The fuse has a specific physical notch in the end cap that prevents it from being replaced by a lower-rated fuse (like a Class H) in a Class R fuse holder. * **Current Limitation:** It is highly current-limiting, meaning it reduces the amount of destructive energy (peak current) that flows to downstream components during a fault. --- ### 4. Comparison: FRS-R vs. FRN-R | Part | Voltage Rating | Application | | :--- | :--- | :--- | | **FRS-R-12** | 600V | High voltage industrial/commercial systems. | | **FRN-R-12** | 250V | Standard residential or light commercial systems. |
    ✨ Follow-up Questions
    • ⤷ What is the difference between an RK5 and an RK1 fuse rating?
    • ⤷ How do I calculate if 12A is sufficient for my specific motor load?
    • ⤷ Can the FRS-R-12 be used in a DC solar application?