データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • FRS-R-175

  • AI
    ## Overview of the FRS-R-175 Fuse The **FRS-R-175** is a high-capacity, heavy-duty industrial fuse. It belongs to the **Fusetron™** family manufactured by **Bussmann (Eaton)**. It is specifically designed as a dual-element, time-delay fuse to protect electrical circuits from both short circuits and organized overloads. --- ### Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Current Rating** | 175 Amps | | **Voltage Rating (AC)** | 600 Vac (or less) | | **Voltage Rating (DC)** | 300 Vdc (or less) | | **Interrupting Rating** | 200,000A RMS Symmetrical (AC) / 20,000A (DC) | | **Fuse Class** | Class RK5 | | **Protection Type** | Dual-Element, Time-Delay | | **Physical Size** | Large cartridge type (Blade/Knife style) | --- ### Internal Electronic Design The "Dual-Element" design is what differentiates the FRS-R-175 from standard fast-acting fuses. It contains two distinct components working in series: 1. **Thermal Cutout Element:** * This handles **low-level overloads**. * It consists of a spring-loaded trigger mechanism held by a specialized bismuth/tin alloy solder. * If the current exceeds 175A slightly for a prolonged period, the heat melts the solder, and the spring pulls the contact open. This prevents "nuisance tripping" from temporary motor surges. 2. **Instantaneous Magnetic Element:** * This handles **short circuits**. * It consists of a notch-restricted copper link. * In the event of a massive surge (short circuit), this link vaporizes instantly to protect downstream equipment. --- ### Applications and Use Cases The FRS-R-175 is primarily used in industrial settings where large motors or heavy machinery are present: * **Motor Branch Circuits:** Provides superior protection for motors with high start-up (inrush) currents. * **Main Service Switches:** Used in large building electrical entrances to protect the main distribution. * **Transformer Protection:** Its time-delay feature allows for the magnetizing inrush current of transformers without blowing the fuse. * **General Feeder Circuits:** Protecting industrial power panels. --- ### Why "Class RK5"? The **RK5** classification is an industry-standard safety rating. * **Current Limiting:** It significantly limits the "let-through" energy during a short circuit, reducing potential damage to circuit components. * **Rejection Feature:** The "R" in FRS-R indicates it has a rejection notch. This prevents a user from accidentally replacing it with a non-current-limiting fuse (like a Class H), which could be dangerous in high-fault environments. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between an RK1 and an RK5 fuse like the FRS-R-175?
    • ⤷ How do I choose between a 250V FRS fuse and a 600V FRS-R fuse?
    • ⤷ What are the physical dimensions of a 175A Class RK5 fuse?