データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • FRS-R-2

  • AI
    ## Understanding the FRS-R-2 Electronic Component The **FRS-R-2** is a specific model of a dual-element, time-delay fuse part of the **Fusetron™** series, manufactured primarily by Bussmann (Eaton). It is designed for high-performance protection in electrical circuits. ### 1. Key Specifications The technical parameters define how this component behaves under electrical load. | Feature | Specification | | :--- | :--- | | **Current Rating** | 2 Amperes | | **Voltage Rating (AC)** | 600 Vac | | **Voltage Rating (DC)** | 300 Vdc | | **Interrupting Rating** | 200,000A RMS Symmetrical (at 600V) | | **Fuse Class** | Class RK5 | | **Physical Size** | 0.81" x 5.00" (Standard RK5 dimensions) | --- ### 2. Functional Characteristics The FRS-R-2 is not a simple "instant-blow" fuse; it has specific electronic behaviors: * **Dual-Element Design:** It contains two separate components. One provides short-circuit protection (instantaneous), while the other provides thermal overload protection (time-delay). * **Time-Delay:** It is engineered to allow temporary surge currents (like motor startups) without blowing, provided the surge doesn't last too long. * **Current Limiting:** In the event of a massive short circuit, the fuse reacts fast enough to limit the "peak" let-through current, protecting downstream sensitive electronics. --- ### 3. Common Applications Due to its 600V rating and time-delay features, the FRS-R-2 is typically used in: 1. **Motor Circuits:** To handle the high "inrush" current when a motor first starts. 2. **Transformers:** Protecting the primary side from overcurrent. 3. **Industrial Control Panels:** General purpose protection for branch circuits. 4. **Solenoids:** Where brief spikes in current are normal operational behavior. --- ### 4. Identification and Safety When replacing this part, ensure the suffix matches. The **"R"** in FRS-R indicates it has a **rejection feature**. This prevents a user from accidentally replacing a high-interrupting Class R fuse with a lower-rated fuse (like a Class H), which could be dangerous in high-fault environments.
    ✨ Follow-up Questions
    • ⤷ What is the difference between an RK5 and an RK1 fuse?
    • ⤷ Can an FRS-R-2 fuse be used in a 250V circuit?
    • ⤷ How do you test if an FRS-R-2 fuse is blown using a multimeter?