データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • FRS-R-65

  • AI
    ### Overview of FRS-R-65 The **FRS-R-65** is a high-performance, industrial-grade fuse. It belongs to the **Fusetron™** series manufactured by Eaton (Bussmann Division). This specific model is a dual-element, time-delay fuse designed to provide superior protection for electrical circuits and motors. --- ### Technical Specifications The following table highlights the primary electronic and physical characteristics of the FRS-R-65: | Feature | Specification | | :--- | :--- | | **Current Rating** | 65 Amps | | **Voltage Rating (AC)** | 600 Vac | | **Voltage Rating (DC)** | 300 Vdc | | **Interrupting Rating** | 200kA RMS Symmetrical (AC) / 20kA (DC) | | **Class** | Class RK5 | | **Fuse Type** | Dual-Element, Time-Delay | | **Construction** | Cartridge style with blade-end terminals | --- ### Key Components and Features 1. **Dual-Element Design**: * **Overload Element**: Handles low-level overcurrents (thermal protection). It allows for temporary surges, such as motor startups, without blowing. * **Short-Circuit Element**: A fast-acting component (magnetic protection) that clears heavy faults and short circuits instantly to prevent equipment damage. 2. **Time-Delay Characteristic**: * It can hold an overcurrent of **500%** of its rated current for a minimum of **10 seconds**. This prevents "nuisance blowing" caused by the high inrush current of industrial motors. 3. **Current Limitation**: * As a Class RK5 fuse, it is "current-limiting." This means it significantly reduces the peak let-through current during a short circuit, protecting downstream components like contactors and breakers from mechanical and thermal stress. 4. **Rejection Feature**: * The "R" in the part number signifies a rejection notch. When used with a Class R fuse block, it prevents the installation of non-rejection fuses (like Class H or K) which have lower interrupting ratings, ensuring safety standards are maintained. --- ### Common Applications * **Motor Protection**: Ideal for AC motors because it accounts for startup spikes while still protecting against sustained overloads. * **Main Feeders**: Used in power distribution panels to protect branch circuits. * **Transformer Protection**: Provides reliable protection for the primary side of control transformers. * **General Industrial Circuits**: Used anywhere high-voltage (up to 600V) and high interrupting capacity are required.
    ✨ Follow-up Questions
    • ⤷What is the difference between Class RK1 and Class RK5 fuses?
    • ⤷ How does the time-delay feature prevent nuisance blowing in motors?
    • ⤷ What are the compatible fuse blocks for the FRS-R-65?