データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • FRT-3A-R

  • AI
    The **FRT-3A-R** is a specific model of a **Thermal Fuse** (also known as a Thermal Cutoff or TCO), typically manufactured by companies like **UCHIYA**. It is a safety component designed to break an electrical circuit when the ambient temperature exceeds a specific limit. ### 1. Technical Specifications The "3A" in the part number usually refers to its current rating, and the "R" often signifies compliance with specific safety standards or lead configurations. | Feature | Description | | :--- | :--- | | **Component Type** | Thermal Fuse (Non-resettable) | | **Current Rating** | 3 Amperes (3A) | | **Voltage Rating** | Typically 250V AC | | **Function** | Over-temperature protection | | **Reset Type** | One-shot (Must be replaced after tripping) | --- ### 2. Internal Construction and Operation The FRT-3A-R operates as a physical "circuit breaker" triggered by heat rather than current overload (though excessive current can generate the heat required to trip it). * **The Thermal Element:** Inside the ceramic or metal casing is a chemically stable, heat-sensitive pellet or a low-melting-point alloy. * **The Mechanism:** When the **Rated Functioning Temperature** is reached, the thermal element melts. * **Circuit Interruption:** A compressed spring is released, pushing the contacts apart and permanently opening the circuit to prevent fire or equipment damage. --- ### 3. Key Electronic Characteristics When integrating or replacing this part, engineers look at these specific parameters: 1. **Tf (Functioning Temperature):** The precise temperature at which the fuse will open the circuit. 2. **Th (Holding Temperature):** The maximum temperature at which the fuse can operate continuously without tripping. 3. **Tm (Maximum Temperature Limit):** The maximum temperature the device can withstand after tripping without allowing current to "leak" back through (dielectric breakdown). --- ### 4. Common Applications These parts are found in devices where overheating poses a fire hazard: * **Small Appliances:** Coffee makers, hair dryers, and electric kettles. * **Power Supplies:** Transformers and chargers to prevent thermal runaway. * **Motors:** Integrated into windings to prevent burnout if the motor stalls. --- ### 5. Installation Precautions > **Warning:** Thermal fuses are heat-sensitive by design. * **Soldering:** When soldering the leads of an FRT-3A-R, you must use a heat sink (like a pair of pliers) on the lead to prevent the heat of the soldering iron from accidentally tripping the fuse. * **Mechanical Connection:** Crimping is often preferred over soldering for these components to avoid thermal stress during assembly.
    ✨ Follow-up Questions
    • ⤷ What is the specific functioning temperature (Tf) for the FRT-3A-R model?
    • ⤷ Can a thermal fuse be bypassed for testing purposes?
    • ⤷ How does a thermal fuse differ from a standard glass tube electrical fuse?