FRT-HB-R
AI

Based on the technical specifications for electronic and mechanical components, the **FRT-HB-R** typically refers to a high-performance **High-Bay PIR (Passive Infrared) Motion Sensor** or a specific series of **Rotary Dampers** depending on the manufacturer (most commonly associated with lighting control systems or mechanical soft-close components).
Given the context of "electronic parts," the following breakdown focuses on the **Electronic PIR Motion Sensor** variant used in industrial lighting.
---
### 1. Key Electronic Components
The FRT-HB-R consists of several internal electronic stages that allow it to detect motion and control high-voltage loads:
| Component | Function |
| :--- | :--- |
| **PIR Sensor Element** | Detects infrared radiation emitted by moving objects (heat signatures). |
| **Fresnel Lens** | Focuses infrared light onto the PIR element; designed for "High-Bay" (high ceiling) mounting. |
| **Microcontroller (MCU)** | Processes the analog signal from the sensor and manages timing/threshold logic. |
| **Switching Relay** | An electromechanical or solid-state component that opens/closes the circuit to the light fixture. |
| **Power Supply Module** | Converts AC mains voltage (e.g., 120V-277V) to low-voltage DC for the internal logic. |
---
### 2. Technical Specifications
These parts are designed to handle the electrical demands of industrial environments.
* **Input Voltage:** Usually 120/277VAC or 347VAC, 60Hz.
* **Load Rating:**
* **Ballast/LED Driver:** Up to 800W @ 120V / 1200W @ 277V.
* **Motor:** 1/4 HP.
* **Time Delay:** Adjustable electronic timer (usually 30 seconds to 30 minutes).
* **Light Level Sensor:** An integrated photocell to prevent the light from turning on if sufficient natural light is present.
---
### 3. Wiring Configuration
The device typically utilizes a standard three-wire interface for integration into electrical systems:
```markdown
1. Black (Line) -> Connects to the incoming Hot wire.
2. Red (Load) -> Connects to the Light Fixture/Driver.
3. White (Neutral) -> Connects to the Common Return wire.
```
---
### 4. Application Context: The "Rotary Damper" Alternative
If your part is the **FRT-HB-R Rotary Damper** (often used in electronic enclosures), it is a mechanical component used to control the opening speed of lids or drawers.
* **Electronic Utility:** Used to protect delicate electronic displays or PCB assemblies from mechanical shock during opening/closing.
* **Material:** Polycarbonate body with silicone oil as the damping fluid.
- ⤷
Are you referring to the PIR motion sensor or the mechanical rotary damper?
- ⤷ What is the specific voltage requirement for your application?
- ⤷ Do you need a wiring diagram for the sensor relay?