データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • FRTD-R-1G-R

  • AI
    Based on the technical specifications for the **FRTD-R-1G-R**, this device is an industrial-grade **Fiber-to-Ethernet Media Converter**. It is designed to bridge the gap between copper-based Ethernet networks and fiber optic long-distance cabling. --- ### ## Core Electronic Components The device consists of several critical stages that handle signal conversion, power regulation, and data integrity: | Component Category | Description | Key Function | | :--- | :--- | :--- | | **SFP Port** | Small Form-factor Pluggable slot | Accepts optical transceivers (Single-mode or Multi-mode) for fiber connection. | | **RJ45 Interface** | 10/100/1000Base-T Copper Port | Connects to standard Ethernet cables (Cat5e/Cat6). | | **Media Converter IC** | System-on-Chip (SoC) | The "brain" that converts electrical pulses from copper into light pulses for fiber. | | **Isolation Transformer** | Magnetic Coupling | Provides galvanic isolation for the RJ45 port to protect against surges. | | **Voltage Regulator** | DC-DC Step-down converter | Manages input power (usually 5V-12V) down to the logic level (3.3V/1.2V). | --- ### ### Technical Specifications | Feature | Specification | | :--- | :--- | | **Transmission Rate** | 1.25 Gbps (Fiber) / 10/100/1000 Mbps (Ethernet) | | **Standard Compliance** | IEEE 802.3, 802.3u, 802.3ab, 802.3z | | **Wavelength Support** | Depends on SFP module (850nm, 1310nm, 1550nm) | | **Flow Control** | Full-duplex (IEEE 802.3x) / Half-duplex (Back pressure) | --- ### ### Operational Principles 1. **Signal Conversion:** The device receives electrical signals through the copper RJ45 port. The internal PHY (Physical Layer) chip encodes these signals. 2. **Optical Modulation:** The processed data is sent to the SFP module, where a laser diode converts the electrical data into light pulses. 3. **Link Fault Pass-Through (LFP):** Many models in this series include internal logic to monitor both fiber and copper links. If one fails, the device can force the other to drop, notifying the network switch of the failure immediately. --- ### ### Typical Application Circuit ```mermaid graph LR A[Ethernet Switch] -- Cat6 Cable --- B(FRTD-R-1G-R) B -- Fiber Optic Cable --- C(Remote Media Converter) C -- Cat6 Cable --- D[Workstation/IP Camera] ```
    ✨ Follow-up Questions
    • ⤷What is the difference between single-mode and multi-mode SFP modules for this device?
    • ⤷ Does this model support Power over Ethernet (PoE)?
    • ⤷ How do you troubleshoot a 'Link' LED that is not lighting up?