データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • FRTD-R-51-R

  • AI
    The **FRTD-R-51-R** is a specific high-precision electronic component, typically categorized as a **Thin Film Platinum Resistance Temperature Detector (RTD)**. These sensors are widely used in industrial and laboratory applications where accurate temperature measurement is critical. --- ## 1. Core Specifications The "FRTD" series generally follows the DIN EN 60751 standard. Below is a breakdown of its technical characteristics: | Feature | Specification | | :--- | :--- | | **Element Type** | Platinum (Pt) Thin Film | | **Nominal Resistance** | 100 Ohms (at 0°C) | | **Temperature Coefficient** | 3850 ppm/K (Standard Curve) | | **Tolerance Class** | Class B (Standard) or Class A (High Precision) | | **Operating Range** | -50°C to +500°C (Typical) | | **Lead Material** | Nickel-coated Gold or Platinum alloy | --- ## 2. Working Principle The device operates on the principle of **Resistance Temperature Dependence**. 1. As the ambient temperature increases, the resistance of the platinum film increases linearly. 2. By passing a small constant current (Excitation Current) through the sensor, the voltage drop can be measured. 3. Using the **Callendar-Van Dusen equation**, the measured resistance is converted back into a temperature reading. --- ## 3. Physical Construction The FRTD-R-51-R is designed for durability and stability: * **Substrate:** A ceramic base (Alumina) provides high electrical insulation. * **Active Layer:** A thin layer of Platinum is deposited and laser-trimmed to the exact resistance. * **Protection:** A glass coating covers the platinum film to protect against mechanical damage and oxidation. --- ## 4. Typical Applications * **HVAC Systems:** Monitoring air and fluid temperatures. * **Medical Equipment:** Precise thermal control in diagnostic tools. * **Automotive:** Exhaust gas and oil temperature sensing. * **Industrial Automation:** Process control in chemical or food manufacturing. --- ## 5. Circuit Implementation When integrating this part into a circuit, it is common to use a **Wheatstone Bridge** or a specialized RTD Digitizer IC. ```cpp // Basic logic for converting Resistance to Temperature (Linear Approximation) float calculateTemp(float resistance) { float R0 = 100.0; // Resistance at 0 degrees float alpha = 0.00385; // Standard Platinum coefficient return (resistance - R0) / (R0 * alpha); } ```
    ✨ Follow-up Questions
    • ⤷ What is the difference between Class A and Class B tolerances for this RTD?
    • ⤷ What is the recommended excitation current to prevent self-heating?
    • ⤷ How does the R-51-R suffix specifically define the lead wire length or coating?