データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • FRTD-R-Z1-R

  • AI
    The **FRTD-R-Z1-R** is a specific model within the series of **Resistance Temperature Detectors (RTD)**, typically utilized in industrial automation and HVAC systems for precise temperature sensing. Below is an explanation of its electronic components, specifications, and construction. --- ### 1. Component Overview The device is a **Platinum Resistance Thermometer**. It operates on the principle that the electrical resistance of a metal (Platinum) changes in a predictable, linear manner with temperature fluctuations. | Component | Description | | :--- | :--- | | **Sensing Element** | Typically a **Pt100** or **Pt1000** thin-film or wire-wound platinum resistor. | | **Lead Wires** | Conductors (usually 2, 3, or 4-wire configuration) that transmit the resistance signal. | | **Protective Sheath** | A stainless steel tube that protects the internal sensor from moisture and mechanical stress. | | **Insulation** | Magnesium Oxide (MgO) or Ceramic powder to prevent internal short circuits. | --- ### 2. Technical Specifications Based on the standard nomenclature for the FRTD series, the technical parameters are generally as follows: * **Accuracy Class:** Usually Class A or Class B (per IEC 751 standards). * **Temperature Range:** Typically ranges from **-50°C to +250°C** (depending on lead wire insulation). * **Nominal Resistance:** 100 Ohms at 0°C (standard Pt100 curve). * **Terminal Type:** The "R" suffix often denotes a **Ring Terminal** or specific lead wire termination for easy mounting to screw terminals. --- ### 3. Electronic Wiring Configurations The FRTD-R-Z1-R is often configured in one of the following ways to manage lead-wire resistance: 1. **2-Wire:** Simple, but lead wire resistance can cause measurement errors. 2. **3-Wire (Common):** Uses a third wire to cancel out the resistance of the leads, ensuring higher accuracy over long distances. 3. **4-Wire:** The most precise method, used in laboratory settings to eliminate lead resistance effects entirely. --- ### 4. Part Number Breakdown (General) While specific to the manufacturer (often associated with brands like Delta or specialized thermal component makers), the codes usually signify: * **FRTD:** Flexible/Film Resistance Temperature Detector. * **R:** Round or Ring terminal type. * **Z1:** Internal specific revision or sheath diameter code. * **R:** Final packaging or tolerance designation. --- ### 5. Application Circuit To read the signal from this part, it is typically connected to a **Wheatstone Bridge** circuit or a specialized **RTD-to-Digital Converter** (like the MAX31865). ```cpp // Example: Concept of reading a Pt100 (FRTD) via an ADC float resistance = (readADC() * ReferenceResistor) / ADC_Max; float temperature = (resistance - 100.0) / 0.385; // Simple linear approximation ```
    ✨ Follow-up Questions
    • ⤷What is the specific temperature range for the Z1 variant?
    • ⤷ How does a 3-wire RTD circuit differ from a 2-wire circuit in this model?
    • ⤷ Is the FRTD-R-Z1-R compatible with standard PID controllers?