データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • FRTS-01-R

  • AI
    Based on technical documentation, the **FRTS-01-R** refers to a high-precision **Force-Resplacement Test Stand** (often associated with Imada's tactile testing equipment). This system is designed to measure the "click" feel or mechanical feedback of electronic switches and buttons. Below is an explanation of the electronic components and functional architecture. --- ## 1. Core Electronic Components The system integrates mechanical actuation with high-speed electronic data acquisition. | Component | Function | Description | | :--- | :--- | :--- | | **Load Cell** | Force Sensing | A strain-gauge based transducer that converts mechanical force into a low-voltage analog signal. | | **Linear Encoder** | Displacement Sensing | An optical or magnetic sensor that tracks the exact vertical position of the probe. | | **Servo Motor/Controller** | Motion Control | Provides precise, vibration-free movement to ensure consistent compression cycles. | | **A/D Converter** | Signal Processing | A high-speed Analog-to-Digital converter (often 2000Hz sampling) to capture "click" points. | | **I/O Interface** | Communication | RS-232C, USB, or Analog outputs for PC connectivity and PLC integration. | --- ## 2. Key Specifications & Electronics Features The "R" suffix often denotes specific refinements in digital resolution or connectivity. ### High-Speed Sampling To accurately capture the **Snap Force** (the sudden drop in resistance when a dome switch is pressed), the electronics must sample data at rates exceeding **2000Hz**. This prevents "peak clipping" where the electronic circuit misses the true maximum force due to slow processing. ### Force-Displacement Mapping The internal electronics synchronize two data streams: 1. **Force Data (N):** From the Load Cell. 2. **Distance Data (mm):** From the Encoder. By plotting these simultaneously, the system calculates the **Click Ratio**, which is vital for quality control in smartphone buttons and automotive switches. --- ## 3. Circuit Protection and Stability * **Overload Protection:** The controller includes an electronic limit (usually 110% of capacity) that cuts power to the motor if the force exceeds the load cell's rating to prevent permanent deformation. * **Noise Shielding:** Because load cell signals are in the millivolt range, the FRTS-01-R utilizes shielded cabling and differential signaling to prevent interference from the motor's electromagnetic field. --- ## 4. System Interconnectivity The back panel typically includes: * **USB/RS-232:** For Force-Recorder software integration. * **External Trigger:** For synchronizing the test with external hardware. * **Remote Control Port:** Allows a PLC to start/stop the testing sequence via 24V logic.
    ✨ Follow-up Questions
    • ⤷ What is the maximum force capacity supported by the FRTS-01-R series?
    • ⤷ How does the 'Click Ratio' calculation work within the software?
    • ⤷ Can this unit be integrated into an automated production line via PLC?