データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • FRTS-31-R

  • AI
    The **FRTS-31-R** is a high-precision, industrial-grade **Force-Displacement Sensor** (often referred to as a tactile or force-torque sensor) manufactured by companies like **Nidec-Shimpo**. It is designed for integration into robotic arms, automated assembly lines, and quality testing equipment. --- ### 1. Technical Specifications Below are the primary electronic and mechanical parameters for the FRTS-31-R: | Feature | Specification | | :--- | :--- | | **Rated Capacity** | 20 N (Approx. 2kgf) | | **Sensor Type** | Strain Gauge (Resistance-based) | | **Output Type** | Analog Voltage / Digital (USB/RS-232 via Controller) | | **Accuracy Class** | 0.5% F.S. (Full Scale) | | **Resolution** | 0.01 N | | **Sampling Rate** | Up to 1000 Hz | --- ### 2. Core Electronic Components The FRTS-31-R is more than just a piece of metal; it contains several critical electronic sub-systems: #### A. Wheatstone Bridge Strain Gauges The "heart" of the sensor consists of foil strain gauges arranged in a **Wheatstone Bridge** configuration. * **Function:** When physical force is applied, the metal body of the sensor deforms microscopically. This changes the electrical resistance of the gauges. * **Electronics:** It converts mechanical strain into a millivolt (mV) electrical signal. #### B. Signal Conditioning Circuitry Because the raw output from the strain gauges is extremely weak and noisy, the internal or bundled electronics perform: 1. **Amplification:** Boosting the mV signal to a usable 0-5V or 0-10V range. 2. **Filtering:** Removing high-frequency electrical noise (EMI) from nearby factory motors. 3. **Temperature Compensation:** Resistors that adjust the signal to ensure the sensor doesn't "drift" when the factory floor gets hot. #### C. Communication Interface The "R" suffix often denotes a specific connectivity or mounting revision. Electronic communication is typically handled via: * **Analog Connector:** Standard 8-pin or 12-pin industrial circular connectors. * **Controller Interface:** Usually connects to an **FGP series** digital force gauge or a dedicated PLC (Programmable Logic Controller) via an A/D converter. --- ### 3. Application Use-Cases The electronics are optimized for tasks requiring "delicate touch" feedback: * **Switch Testing:** Measuring the "click" force and travel distance of buttons. * **Material Compression:** Testing the elasticity of foams or springs. * **Robotic Assembly:** Ensuring a component is seated correctly without crushing it. --- ### 4. Wiring and Integration Example If integrating into a custom circuit or PLC: ```cpp // Pseudocode for reading FRTS-31-R via an ADC float sensorValue = analogRead(A0); // Read 0-5V Signal float forceNewtons = (sensorValue / max_adc_resolution) * rated_capacity; if (forceNewtons > threshold) { stop_motor(); // Safety shutoff to prevent part damage } ```
    ✨ Follow-up Questions
    • ⤷ What is the pinout configuration for the FRTS-31-R connector?
    • ⤷ Does this sensor require a specific external amplifier or controller?
    • ⤷ How do I calibrate the FRTS-31-R for high-speed sampling?