FRTS-4Z-R
AI

The **FRTS-4Z-R** is an industrial-grade **Four-Zone Fire Alarm Control Panel** (Conventional). It is designed to monitor and manage fire detection sensors and notification appliances in small to medium-sized buildings.
---
### 1. Key Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Detection Zones** | 4 Independent Zones |
| **Input Voltage** | 220V/230V AC (50/60Hz) |
| **Operating Voltage** | 24V DC |
| **Battery Backup** | Supports 2x 12V Lead-Acid Batteries |
| **Alarm Outputs** | 2 Notification Appliance Circuits (NAC) |
| **Auxiliary Power** | 24V DC for external modules |
---
### 2. Main Electronic Components and Modules
The internal architecture of the FRTS-4Z-R consists of several critical electronic sections:
#### A. Power Supply Unit (PSU)
This section converts high-voltage AC utility power into stabilized 24V DC. It includes:
* **Step-down Transformer:** Reduces mains voltage.
* **Rectifier/Regulator Circuit:** Converts AC to DC and ensures a steady voltage to prevent damage to sensitive sensors.
* **Charger Circuit:** Automatically maintains the backup batteries and switches to battery power instantly during a blackout.
#### B. Zone Monitoring Circuitry
The panel has 4 input circuits. Each zone uses **End-of-Line (EOL) Resistors** (typically 4.7kΩ or 6.8kΩ).
* **Monitoring Logic:** The board constantly measures current flow.
* *Normal:* Stable current.
* *Open Circuit:* Zero current (indicates a broken wire).
* *Short Circuit/Alarm:* High current (indicates a triggered smoke detector or pull station).
#### C. Microcontroller Unit (MCU)
The "brain" of the panel. It processes signals from the zones, manages the timing for fire drills, and controls the LED status indicators on the front interface.
#### D. Output Relays
* **Fire Relay:** A dry contact relay that triggers when a fire is confirmed. This can be used to shut down HVAC systems or recall elevators.
* **Fault Relay:** Activates if there is a system malfunction (e.g., battery disconnected or wire cut).
---
### 3. Connection Interface
The terminal block inside the unit typically follows this layout:
| Terminal Label | Function |
| :--- | :--- |
| **L / N / E** | AC Mains Input (Live, Neutral, Earth) |
| **Zone 1-4 (+/-)** | Connections for Smoke/Heat Detectors |
| **Sounder (+/-)** | Connections for Sirens, Bells, or Strobes |
| **Aux 24V** | Constant power for PIR sensors or beam detectors |
| **Relay (NC/COM/NO)** | Voltage-free contacts for external integration |
---
### 4. Visual and Audible Indicators
* **LEDs:** Green (Power), Red (Fire/Alarm), Amber (Fault/Trouble/Silence).
* **Internal Buzzer:** Provides an immediate audible alert at the panel when a fault or fire is detected.
- ⤷
What is the maximum number of detectors that can be connected per zone on the FRTS-4Z-R?
- ⤷ How do I reset the 'Fault' LED if it stays amber after a battery change?
- ⤷ Can this panel be integrated with a GSM dialer for remote alerts?