データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • FRTS-5F-R/Q

  • AI
    The **FRTS-5F-R/Q** refers to a high-precision digital force gauge or texture analyzer system, often utilized in food science and material testing. This device integrates sophisticated electronic components to translate mechanical force into digital data. Below is an explanation of the primary electronic subsystems: ### 1. Primary Electronic Components | Component | Function | | :--- | :--- | | **Load Cell (Transducer)** | The "heart" of the device. It contains strain gauges that convert physical pressure/tension into a proportional electrical resistance change. | | **A/D Converter** | A high-resolution (typically 24-bit) Analog-to-Digital converter that transforms the small millivolt signals from the load cell into binary data. | | **Microprocessor (MCU)** | Processes the digital signals, applies calibration factors, and manages the logic for peak-hold, zeroing, and data storage. | | **Touch Screen Interface** | A resistive or capacitive display module used for user input and real-time graphing of force-time curves. | | **USB/RS-232 Interface** | The communication bridge for exporting data to a PC or printer. | --- ### 2. Operational Logic The electronic workflow of the FRTS-5F system follows this path: 1. **Sensing:** The Load Cell detects deformation. 2. **Amplification:** An instrumentation amplifier boosts the weak electrical signal. 3. **Digitization:** The A/D converter samples the signal at high speeds (often up to 1000Hz or more) to ensure "Peak" values are captured accurately. 4. **Analysis:** The CPU calculates parameters like **Hardness**, **Cohesiveness**, and **Springiness** based on the force profile. ### 3. Key Electronic Specifications * **Capacity:** 50N (approx. 5kgf). * **Resolution:** Typically 0.001N. * **Power Supply:** AC Adapter (100-240V) providing a regulated DC voltage to internal components to prevent signal noise. * **Overload Protection:** Electronic sensors trigger a cutoff if force exceeds 110% of the rated capacity to protect the load cell. --- ### 4. Comparison of Connectors The "R/Q" suffix usually denotes specific cabling or output configurations: ```json { "Output_Types": { "USB": "Direct PC connection for software analysis.", "RS232C": "Legacy support for PLC or industrial automation.", "Analog_Output": "Voltage output (±2V) for external oscilloscopes." } } ```
    ✨ Follow-up Questions
    • ⤷What is the difference between the R and Q models in the FRTS series?
    • ⤷ How do I calibrate the load cell electronics in this device?
    • ⤷ Does the FRTS-5F support real-time data streaming via Python or C++?