データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • FRTS-C1-R/Q

  • AI
    The **FRTS-C1-R/Q** is a high-performance flow rate sensor/controller typically used in industrial automation, pneumatic systems, or fluid management. The "R/Q" designation usually refers to the output configuration or communication protocol of the unit. --- ### 1. Key Electronic Components and Specifications The device integrates sensing, processing, and output electronics into a compact housing. | Component | Description | | :--- | :--- | | **Sensing Element** | Typically a **MEMS** (Micro-Electro-Mechanical Systems) thermal flow sensor. | | **Microprocessor** | An internal 16-bit or 32-bit MCU that linearizes the sensor signal and handles logic. | | **Display** | Integrated LCD or LED screen for real-time flow monitoring and parameter setting. | | **Output Stage** | Features dual digital outputs (NPN/PNP) and an analog voltage/current output. | ### 2. Technical Parameter Breakdown Below are the typical electronic ratings for this class of controller: | Parameter | Specification | | :--- | :--- | | **Supply Voltage** | 12 to 24V DC (±10% ripple) | | **Current Consumption** | ≤ 50mA (without load) | | **Switch Output** | 2 x NPN or PNP (Open Collector), Max 100mA | | **Analog Output** | 1–5V DC or 4–20mA (selectable/fixed depending on model) | | **Response Time** | ≤ 50ms (adjustable for noise reduction) | | **Protection Circuit** | Reverse polarity, short circuit, and surge protection | --- ### 3. Wiring and Connection (Electronic Interface) The device usually utilizes an **M8 or M12 connector** or a lead-wire cable. The standard pinout logic is as follows: 1. **Brown (Brown):** DC (+) Positive Supply. 2. **Blue (Blue):** 0V / GND. 3. **Black (Black):** Control Output 1 (Digital). 4. **White (White):** Control Output 2 (Digital) or Analog Output. ### 4. Distinctive Features (R/Q Logic) * **The "R" Suffix:** Often denotes a **Relay** output or a specific **Reverse** flow measurement capability. * **The "Q" Suffix:** Usually indicates a **Quick-disconnect** connector or a high-speed digital switching output (IO-Link compatible in newer revisions). --- ### 5. Implementation Example (PLC Integration) To read the flow rate into a PLC, you would typically interface the analog output as shown below: ```cpp // Pseudocode for reading FRTS Analog Value float raw_voltage = analogRead(A0); // Read 1-5V signal float flow_rate = map(raw_voltage, 1.0, 5.0, 0.0, 100.0); // Map to 0-100 L/min if (flow_rate > setpoint) { digitalWrite(ALARM_PIN, HIGH); } ```
    ✨ Follow-up Questions
    • ⤷ What are the specific differences between the NPN and PNP wiring for this model?
    • ⤷ Does the FRTS-C1 support IO-Link communication?
    • ⤷ How do I calibrate the analog output offset on this controller?