データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • FS02SLASHFS02CT

  • AI
    The **FS02/FS02CT** refers to a high-performance, fast-switching thyristor (specifically a Silicon Controlled Rectifier or SCR) typically manufactured by companies like STMicroelectronics. These components are designed for power switching applications where speed and reliability are critical. --- ### 1. Key Technical Specifications The following table highlights the general electrical characteristics of the FS02 series: | Parameter | Symbol | Typical Value | Unit | | :--- | :--- | :--- | :--- | | **Repetitive Peak Off-State Voltage** | $V_{DRM}$ / $V_{RRM}$ | 400 - 800 | Volts | | **RMS On-State Current** | $I_{T(RMS)}$ | 2.0 | Amperes | | **Gate Trigger Current** | $I_{GT}$ | 200 | µA | | **Peak Surging Current** | $I_{TSM}$ | 20 | Amperes | | **Package Type** | - | TO-92 / SOT-223 | - | --- ### 2. Functional Description The FS02 is a **Sensitive Gate SCR**. Unlike standard power thyristors, it requires a very low current at the gate terminal to switch from an "OFF" state to an "ON" state. #### Core Features: * **High Sensitivity:** Can be triggered directly by low-power logic ICs, microprocessors, or sensors. * **Fast Switching:** Optimized for applications requiring rapid response times. * **FS02CT Suffix:** The "CT" usually denotes specific packaging (like Tube or Tape & Reel) or a specific temperature grading depending on the manufacturer's datasheet revision. --- ### 3. Pin Configuration For the common **TO-92** package, the pinout is generally as follows: 1. **Cathode (K):** Connected to the negative side of the load/circuit. 2. **Gate (G):** Receives the trigger pulse to turn the SCR on. 3. **Anode (A):** Connected to the positive side of the power source. --- ### 4. Common Applications Due to its low trigger current and 2A capacity, it is frequently used in: * **Ignition Circuits:** Small engine ignition or gas appliance igniters. * **Protection Circuits:** Crowbar overvoltage protection. * **Relay Drivers:** Driving mechanical relays from low-power microcontroller pins. * **Light Dimming:** Basic phase control for low-wattage lamps. --- ### 5. Schematic Symbol Representation In circuit diagrams, it is represented as a diode with a third control terminal: ```text Anode (A) | --+-- \ | / (Gate G) \ / <-----| --+-- | Cathode (K) ```
    ✨ Follow-up Questions
    • What is the difference between the FS02 and a standard BT136 TRIAC?
    • How do I calculate the gate resistor for an FS02 SCR?
    • Can the FS02 be used for DC-to-AC power inversion?