データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • FS220L

  • AI
    The **FS220L** (often associated with high-power industrial components like IGBT modules or specific high-speed fuse series) is most commonly recognized in the electronics industry as part of a high-performance **IGBT (Insulated-Gate Bipolar Transistor)** module family, often manufactured by companies like **Infineon** (as part of the EconoPACK™ or similar series). Below is a technical breakdown of the electronic specifications and characteristics typically associated with these types of power modules. --- ### 1. Technical Specifications These parts are designed for high-power switching applications. The "220" usually signifies the current rating, and "L" often denotes a specific package style or voltage characteristic. | Parameter | Typical Value / Description | | :--- | :--- | | **Collector-Emitter Voltage ($V_{ces}$)** | Usually 1200V to 1700V | | **Continuous Collector Current ($I_c$)** | 220A (at $T_c = 80^\circ C$) | | **Configuration** | Six-pack (3-phase bridge) or Half-Bridge | | **Switching Type** | Hard-switching / Soft-switching | | **Package Type** | EconoPACK™ or Low-profile industrial housing | --- ### 2. Core Electronic Components The FS220L is not a single transistor but a **Power Module** containing several integrated parts: * **IGBT Chips:** The main power switches that handle the high current and voltage. They combine the simple gate drive of a MOSFET with the high-current handling of a Bipolar transistor. * **Freewheeling Diodes (FWD):** Integrated anti-parallel diodes that protect the IGBTs from inductive voltage spikes (back-EMF) when the load is switched off. * **NTC Thermistor:** Most FS220L modules include an internal Negative Temperature Coefficient resistor to monitor the module's baseplate temperature for thermal protection. * **DBC (Direct Bonded Copper) Substrate:** Provides high electrical insulation while ensuring excellent thermal conductivity to the heatsink. --- ### 3. Key Electronic Features * **Low $V_{ce(sat)}$:** Designed for low conduction losses, which improves efficiency in heavy-duty motor drives. * **Trenchstop™ Technology:** Many FS220L modules use "Trench" gate structures to reduce the amount of energy lost during switching. * **Isolated Baseplate:** The internal electronics are electrically isolated from the metal cooling plate, allowing multiple modules to be mounted on the same heatsink. --- ### 4. Common Applications The FS220L is primarily used in industrial power electronics where high reliability is required: 1. **Motor Drives (VFDs):** Controlling the speed of large AC motors. 2. **Solar Inverters:** Converting DC power from solar panels into grid-compatible AC. 3. **Uninterruptible Power Supplies (UPS):** High-capacity backup systems for data centers. 4. **Wind Turbines:** Power conversion systems for renewable energy. --- ### 5. Schematic Layout (General 3-Phase Bridge) If the FS220L is a "Six-pack" module, its internal electronic structure follows this logic: ```text [DC+] ----+-------+-------+ | | | [IGBT] [IGBT] [IGBT] (High Side) | | | [Phase] --U-------V-------W-- | | | [IGBT] [IGBT] [IGBT] (Low Side) | | | [DC-] ----+-------+-------+ ```
    ✨ Follow-up Questions
    • ⤷ What are the cooling requirements for the FS220L module?
    • ⤷ How do you test if an FS220L IGBT module is faulty?
    • ⤷ What is the difference between FS220L and FS450R series modules?