データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • FSMD125-R

  • AI
    The **FSMD125-R** is a surface-mount Resettable PTC (Positive Temperature Coefficient) thermistor, commonly referred to as a **Polyfuse** or **PPTC**. It is manufactured by companies like Polytronics (Everfuse) and is designed to protect electronic circuits from overcurrent conditions. --- ### 1. General Specifications The "125" in the part number typically refers to its **Hold Current** (1.25 Amps), and the "R" indicates it is RoHS compliant. | Parameter | Value | | :--- | :--- | | **Package Type** | SMD 1812 (4532 Metric) | | **Hold Current ($I_{hold}$)** | 1.25 A | | **Trip Current ($I_{trip}$)** | 2.50 A | | **Maximum Voltage ($V_{max}$)** | 6 V - 15 V (Varies by specific series) | | **Maximum Current ($I_{max}$)** | 100 A | | **Operating Temperature** | -40°C to +85°C | --- ### 2. How it Works Unlike a standard one-time fuse that blows and must be replaced, the FSMD125-R acts as a "smart" resistor: 1. **Normal Operation:** The device has a very low resistance, allowing current to flow to the load. 2. **Overcurrent Event:** If the current exceeds the trip threshold ($I_{trip}$), internal heating causes the polymer structure to expand, rapidly increasing the resistance. 3. **Protection Mode:** The high resistance limits the current to a safe leakage level, protecting the circuit. 4. **Resetting:** Once the fault is removed and the power is cycled or the device cools down, the polymer contracts, and the fuse returns to a low-resistance state. --- ### 3. Pinout and Physical Dimensions The **1812 package** is a standard size used in automated PCB assembly. * **Length:** 4.50 mm (approx.) * **Width:** 3.20 mm (approx.) * **Terminals:** Two solder pads (Non-polarized; can be installed in either direction). --- ### 4. Typical Applications * **USB Ports:** Protection for USB 2.0/3.0 ports against short circuits in peripherals. * **Motherboards:** Protection for I/O ports and logic circuits. * **Battery Packs:** Prevents excessive discharge or short-circuit damage. * **PDAs / Digital Cameras:** Portable electronics protection. --- ### 5. Selection Considerations When using the FSMD125-R, keep the following in mind: * **Ambient Temperature:** The $I_{hold}$ decreases as the ambient temperature rises. You must "derate" the fuse if the device operates in a hot environment. * **Voltage Rating:** Ensure your circuit voltage does not exceed the $V_{max}$ rating of the fuse, or it may arc and fail permanently.
    ✨ Follow-up Questions
    • ⤷ What is the difference between I-hold and I-trip for this component?
    • ⤷ How does ambient temperature affect the performance of the FSMD125-R?
    • ⤷ Can this PPTC be used for high-voltage AC applications?