データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • FSP036-RBCN2

  • AI
    ## Technical Overview of the FSP036-RBCN2 The **FSP036-RBCN2** is a specialized AC-to-DC power adapter manufactured by FSP Group. It is commonly used for networking equipment, small form factor PCs, and industrial peripherals. Below is a detailed breakdown of its electronic specifications and components. ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Input Voltage** | 100-240V AC (Universal) | | **Input Frequency** | 50-60 Hz | | **Output Voltage** | 12V DC | | **Output Current** | 3.0A (Max) | | **Total Wattage** | 36 Watts | | **Efficiency Level** | Level VI (High Efficiency) | | **DC Connector** | Barrel Jack (commonly 5.5mm x 2.5mm or 2.1mm) | --- ### 2. Internal Electronic Components The internal architecture of the FSP036-RBCN2 follows a standard **Switching Mode Power Supply (SMPS)** design. Key stages include: #### A. Input Stage (EMI Filtering & Rectification) * **Bridge Rectifier:** Converts incoming AC voltage to pulsating DC. * **EMI Filter:** Includes X and Y capacitors and common-mode chokes to reduce electromagnetic interference, ensuring compliance with FCC/CE standards. * **Bulk Capacitor:** Typically a high-voltage electrolytic capacitor (rated 400V+) to smooth the rectified DC. #### B. Switching Stage * **PWM Controller IC:** The "brain" of the unit. It modulates the duty cycle to maintain a steady 12V output regardless of load changes. * **MOSFET:** A high-speed transistor that switches the high-voltage DC on and off through the primary winding of the transformer. #### C. Isolation & Transformation * **Flyback Transformer:** Provides galvanic isolation between the high-voltage AC side and the low-voltage DC side while stepping down the voltage. * **Optocoupler:** An infrared LED/Phototransistor component that provides feedback from the output side back to the PWM controller without physical electrical contact. #### D. Output Stage (Rectification & Smoothing) * **Schottky Diode:** Rectifies the high-frequency AC from the transformer back to DC with minimal voltage drop. * **Output Filter (LC Circuit):** Uses low ESR electrolytic capacitors and inductors to minimize voltage ripple. --- ### 3. Protection Features The electronic design includes several safety mechanisms to prevent damage to the connected device: 1. **OVP (Over Voltage Protection):** Shuts down the unit if the output voltage exceeds a safe threshold. 2. **OCP (Over Current Protection):** Limits current to 3A to prevent overheating or fire. 3. **SCP (Short Circuit Protection):** Instantly cuts power if a short is detected on the DC output. --- ### 4. Typical Applications * **Network Hardware:** Routers, switches, and modems. * **LCD Monitors:** Small displays requiring 12V power. * **CCTV Systems:** Powering cameras or DVRs. * **POS Terminals:** Point of Sale receipt printers and scanners.
    ✨ Follow-up Questions
    • ⤷ What are the common failure symptoms for the FSP036-RBCN2?
    • ⤷ Is this power supply compatible with devices requiring lower amperage
    • ⤷ such as 2.0A?
    • ⤷ How does Efficiency Level VI impact the internal component heat generation?