データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • FSP045-RACN2

  • AI
    The **FSP045-RACN2** is a high-quality AC/DC power adapter manufactured by FSP Group. It is commonly used for laptops, monitors, and small form-factor PCs. Below is a breakdown of its electronic specifications and internal components. --- ### 1. Technical Specifications The core electronic parameters define its input and output capabilities: | Feature | Specification | | :--- | :--- | | **Input Voltage** | 100-240V AC (Universal) | | **Input Frequency** | 50-60Hz | | **Output Voltage** | 19V DC | | **Output Current** | 2.37A | | **Total Power** | 45 Watts | | **Efficiency Rating** | Level VI (High Efficiency) | --- ### 2. Key Internal Electronic Components The internal circuitry of the FSP045-RACN2 is based on a **Switching Mode Power Supply (SMPS)** topology. Here are the primary stages: #### A. Input EMI Filter & Protection * **MOV (Metal Oxide Varistor):** Protects the device from high-voltage surges from the mains. * **Bridge Rectifier:** Converts the incoming AC voltage into pulsating DC. * **EMI Filter (Chokes and X/Y Capacitors):** Suppresses electromagnetic interference to prevent noise from leaking back into the power grid. #### B. Primary Conversion Stage * **PWM Controller IC:** The "brain" of the unit. It modulates the pulse width to maintain a steady 19V output despite variations in load. * **Power MOSFET:** Acts as a high-speed switch, chopping the DC voltage into high-frequency pulses for the transformer. * **Bulk Capacitor:** Typically rated for 400V-450V, it smooths the rectified DC voltage. #### C. Isolation & Transformation * **High-Frequency Transformer:** Provides galvanic isolation between the dangerous high-voltage AC side and the safe low-voltage DC side. #### D. Secondary Rectification & Filtering * **Schottky Diode / Synchronous Rectifier:** Converts the high-frequency AC from the transformer back into DC. * **Low-ESR Electrolytic Capacitors:** These smooth the output voltage ripples to ensure clean power reaches the connected device. --- ### 3. Built-in Electronic Protections The FSP045-RACN2 includes several safety circuits to prevent damage to the adapter or the connected hardware: * **OCP (Over Current Protection):** Shuts down the unit if the device draws more than 2.37A. * **OVP (Over Voltage Protection):** Prevents the output from exceeding 19V in case of a component failure. * **SCP (Short Circuit Protection):** Instantly cuts power if a short is detected on the output cable. * **OTP (Over Temperature Protection):** Monitors heat levels and reduces output or shuts down if the unit overheats. --- ### 4. Physical Interface * **Input Connector:** Usually a C6 ("Cloverleaf") or C14 inlet. * **Output Connector:** Commonly a 5.5mm x 2.5mm or 3.0mm x 1.1mm DC barrel jack (this varies depending on the specific OEM version for brands like Acer or ASUS).
    ✨ Follow-up Questions
    • ⤷ What are the symptoms of a failing bulk capacitor in this power adapter?
    • ⤷ How does the Efficiency Level VI rating impact power consumption?
    • ⤷ Is the FSP045-RACN2 compatible with devices requiring lower amperage at 19V?