データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • FSP090-RBCM1

  • AI
    The **FSP090-RBCM1** is a high-efficiency AC/DC power adapter manufactured by FSP Group. It is primarily designed as a power supply for laptops, mini-PCs (like Intel NUC), and industrial embedded systems. Below is a detailed breakdown of its electronic specifications and features. --- ### 1. General Specifications The device is a 90W external power brick characterized by its compact size and high reliability. | Feature | Specification | | :--- | :--- | | **Input Voltage** | 100V – 240V AC (Universal) | | **Output Voltage** | 19V DC | | **Output Current** | 4.74A (Maximum) | | **Total Power** | 90 Watts | | **Efficiency** | Level VI (DoE) & CoC Tier 2 | | **Connector Type** | Usually 5.5mm x 2.5mm Barrel (Standard) | --- ### 2. Key Electronic Components & Technologies While the internal board design is proprietary, the FSP090 series typically utilizes the following electronic architectures: * **Switch-Mode Power Supply (SMPS):** It uses a high-frequency switching topology to convert AC to DC, allowing for a smaller transformer and lighter weight. * **Active PFC (Power Factor Correction):** Includes internal circuitry to ensure the power factor is > 0.9, reducing electrical noise and improving energy efficiency on the grid. * **Capacitors:** FSP typically uses high-grade electrolytic capacitors (often rated for 105°C) to ensure a long MTBF (Mean Time Between Failures). * **Protection Circuitry:** * **OCP:** Over Current Protection. * **OVP:** Over Voltage Protection. * **OTP:** Over Temperature Protection. * **SCP:** Short Circuit Protection. --- ### 3. Physical & Environmental Attributes The enclosure is designed for passive cooling (fanless) and follows strict safety standards. | Attribute | Detail | | :--- | :--- | | **Dimensions** | Approx. 129 x 51 x 31 mm | | **AC Inlet** | IEC 320 C14 (3-Pin) | | **Safety Certifications** | UL, CE, FCC, TUV, CB, CCC | | **Operating Temp** | 0°C to +40°C | --- ### 4. Application Use Cases This specific model is frequently found in: 1. **Mini-PCs:** Specifically popular with the Intel NUC series and Gigabyte BRIX. 2. **Laptops:** High-end office laptops requiring more than the standard 65W. 3. **Monitors:** Large format professional displays. 4. **Industrial Equipment:** Small form factor IoT gateways and POS terminals.
    ✨ Follow-up Questions
    • ⤷ What is the difference between the RBCM1 and other FSP090 models?
    • ⤷ Can this power adapter be used for a device requiring 19.5V instead of 19V?
    • ⤷ How do I identify if the connector tip is compatible with my specific device?