データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • FST16230

  • AI
    The **FST16230** is a specialized high-speed CMOS bus switch integrated circuit. It is primarily used in computing and networking hardware to manage signal routing without adding propagation delay. --- ## 1. Core Overview The FST16230 is a **28-bit to 56-bit Mux/Demux Bus Switch**. It is designed to provide high-speed switching with very low "ON" resistance, ensuring that signals pass through the device with minimal distortion or timing lag. ### Key Specifications | Feature | Description | | :--- | :--- | | **Logic Family** | FST (Bus Switch) | | **Bit Width** | 28-bit (often configurable) | | **Supply Voltage (Vcc)** | 4.0V to 5.5V | | **On-Resistance ($R_{on}$)** | Typical 4Ω to 7Ω | | **Propagation Delay** | Near Zero (0.25ns max) | | **Package Types** | SSOP, TSSOP | --- ## 2. Pin Functions and Operation The device acts like a mechanical relay but at electronic speeds. When the output enable pins are triggered, the internal NMOS transistors close the circuit between the input and output pins. ### Functional Truth Table (Simplified) | Control Pin (/OE) | S (Select) | Function | | :--- | :--- | :--- | | High (H) | X | Disconnected (Hi-Z) | | Low (L) | Low (L) | Port A connected to Port B1 | | Low (L) | High (H) | Port A connected to Port B2 | --- ## 3. Technical Advantages * **Zero Propagation Delay:** Unlike standard logic buffers (like the 74LS series), bus switches do not have a "gate delay." The signal simply flows through a transistor channel. * **Low Capacitance:** Designed to minimize loading on the data bus, which is critical for high-frequency operations. * **Hot Swap Capability:** Most versions support high-impedance states during power-up, making them suitable for "plug-and-play" backplanes. --- ## 4. Typical Applications 1. **Memory Interfacing:** Switching a CPU data bus between two different memory banks. 2. **Bus Isolation:** Isolating a faulty or inactive segment of a motherboard to prevent noise. 3. **Voltage Translation:** By limiting the Vcc, these chips can sometimes be used to interface 5V logic with 3.3V logic (depending on the specific sub-model). ---
    ✨ Follow-up Questions
    • What is the difference between a bus switch like the FST16230 and a standard logic buffer?
    • How does 'On-Resistance' affect signal integrity in high-speed circuits?
    • Can the FST16230 be used for bidirectional data transfer?