データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • FST714

  • AI
    The **FST714** (often fully labeled as the **FST7140** in industrial contexts) is a high-performance, isolated gate driver module or power semiconductor device typically used in motor control, UPS systems, and welding equipment. It is frequently manufactured by brands like **FirstPower** or used as a reference for specific IGBT/MOSFET driver circuits. --- ### ## 1. Key Specifications The following table outlines the typical electrical characteristics for this class of component: | Parameter | Specification (Typical) | | :--- | :--- | | **Component Type** | Isolated Gate Driver / Power Module | | **Input Voltage (Vcc)** | 15V to 30V | | **Output Current (Peak)** | ±4A to ±8A | | **Isolation Voltage** | 2500V - 4000V RMS | | **Switching Frequency** | Up to 50 kHz | | **Operating Temp** | -40°C to +85°C | --- ### ## 2. Core Internal Electronic Sections The FST714 architecture is generally divided into three main functional blocks: #### ### A. Input Logic & Level Shifting This section interfaces with the Microcontroller (MCU) or PWM controller. - **Opto-Coupler/Magnetic Isolation:** Ensures the low-voltage control side is electrically separated from the high-voltage power side. - **Schmitt Trigger:** Used to clean up the input signal and prevent false triggering due to noise. #### ### B. Protection Circuitry The FST714 is designed to protect expensive power transistors (IGBTs). - **DESAT Protection:** Monitors the saturation voltage of the IGBT to detect overcurrent or short-circuit conditions. - **UVLO (Under Voltage Lockout):** Prevents the device from turning on if the supply voltage is too low to fully saturate the gate, which would cause overheating. #### ### C. Output Buffer (Push-Pull Stage) - This consists of a **Totem-Pole** or **Complementary MOSFET** pair. - It provides the high peak currents necessary to charge and discharge the gate capacitance of large power modules rapidly. --- ### ## 3. Common Applications Due to its robust isolation and high current capability, it is found in: 1. **Variable Frequency Drives (VFDs):** Controlling 3-phase AC motors. 2. **Solar Inverters:** Converting DC from panels to AC grid power. 3. **Induction Heating:** High-frequency switching for industrial furnaces. 4. **Uninterruptible Power Supplies (UPS):** High-speed switching for clean sine-wave output. --- ### ## 4. Pinout Overview (General Format) *Note: Always consult the specific manufacturer's datasheet as pin configurations can vary.* ```text Pin 1: VCC (Positive Supply) Pin 2: Input + (PWM Signal) Pin 3: Input - (Ground/Return) Pin 4: DESAT (Fault Detection) Pin 5: VEE (Negative Supply for Turn-off) Pin 6: Vout (Gate Drive Output) ```
    ✨ Follow-up Questions
    • ⤷ What are the specific differences between the FST714 and the FST7140 model?
    • ⤷ Can you provide a wiring diagram for connecting the FST714 to an IGBT?
    • ⤷ What are the common failure modes for this gate driver module?