データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • FSTK

  • AI
    The term **FSTK** is often used in the context of electronic components as a suffix or prefix for specific product lines, most notably by manufacturers like **Fuji Electric** or in specific **Fast Switching (FST)** technologies. Below is a breakdown of the electronic classifications and parts associated with FSTK. --- ## 1. Fuji Electric Power Modules (FSTK Series) In industrial electronics, "FSTK" is frequently associated with **Intelligent Power Modules (IPMs)** or **IGBT modules** manufactured by Fuji Electric. These are used for high-efficiency power conversion. | Component Type | Common Function | Application Example | | :--- | :--- | :--- | | **IGBT Modules** | High-speed switching | Motor drives, Solar inverters | | **Rectifier Diodes** | AC to DC conversion | Power supplies | | **IPMs** | Integrated drive & protection | Industrial automation | ### Key Features: * **Thermal Protection:** Built-in temperature sensors to prevent overheating. * **Low Loss:** Designed for minimal energy dissipation during the switching phase. * **Compact Design:** High integration reduces the overall PCB footprint. --- ## 2. Fast Switching Technology (FST) The "FST" prefix often refers to **Fast Switching** or **High-Speed** components. The "K" suffix usually denotes a specific package type (like TO-220 or TO-247) or a specific tolerance/voltage rating. ### Common FSTK Specifications: * **Voltage Range:** Typically ranges from 600V to 1200V for industrial parts. * **Current Handling:** High amperage capacity for heavy-duty machinery. * **Switching Frequency:** Optimized for frequencies above 20kHz to reduce acoustic noise in motors. --- ## 3. Passive Components (Capacitors/Resistors) In some Japanese electronics catalogs, **FSTK** may appear in the part numbering for specialized capacitors (specifically Film or Electrolytic) where: * **F:** Film * **S:** Standard/Special * **T:** Tolerance * **K:** ±10% Tolerance (Standard industry code) --- ## 4. Troubleshooting and Identification If you are looking at a physical part with "FSTK" printed on it, use the following steps to identify it: 1. **Check the Logo:** Look for the Fuji Electric (𝐹) logo or a manufacturer mark. 2. **Case Style:** Is it a 3-pin transistor style, or a large brick-like module with screw terminals? 3. **Data Sheet Search:** Search for the full alphanumeric code (e.g., `6MBP50RTA060-FSTK`). ---
    ✨ Follow-up Questions
    • ⤷Are you referring to a specific Fuji Electric IGBT module?
    • ⤷ What is the full part number written on the component?
    • ⤷ Are you looking for a replacement or a technical datasheet?