FT120T-R
AI

The **FT120T-R** is an advanced electronic component primarily used in industrial sensing, specifically within **Photoelectric Sensors** (often associated with brands like Sensopart or similar automation manufacturers). It is a through-beam or retro-reflective sensor head depending on the specific series configuration.
Below is a breakdown of its electronic characteristics and technical specifications.
---
## 1. Core Technical Specifications
The FT120T-R is characterized by its miniature housing and high-precision optical performance.
| Parameter | Specification |
| :--- | :--- |
| **Sensor Type** | Photoelectric (Transmitter/Receiver) |
| **Light Source** | Red Light (typically 650nm) or Infrared |
| **Operating Voltage** | 10 ... 30 V DC |
| **Output Type** | PNP or NPN (Push-Pull options available) |
| **Switching Frequency** | Up to 1000 Hz |
| **Connection Type** | M8 plug (4-pin) or Cable |
| **Housing Material** | ABS / Polycarbonate |
| **Protection Class** | IP67 (Water and Dust resistant) |
---
## 2. Key Electronic Features
### A. The Optical System
The "T" in the part number often signifies the **Transmitter** unit. It uses a high-intensity LED or Laser diode to emit a beam.
* **Beam Shape:** Usually a circular light spot, designed for small part detection.
* **Adjustment:** Features a potentiometer or teach-in button for sensitivity adjustment, allowing the electronics to compensate for dusty environments.
### B. Circuit Protection
The internal electronics are designed for rugged industrial environments and include:
* **Short-circuit protection:** Prevents damage if the output is grounded.
* **Reverse polarity protection:** Protects the sensor if the DC power leads are swapped.
* **Overload protection:** Ensures the internal switching transistor does not burn out during current spikes.
### C. Signal Processing
The sensor utilizes internal **ASIC (Application Specific Integrated Circuit)** technology to filter out ambient light interference (such as sunlight or overhead factory lighting), ensuring the receiver only reacts to the specific frequency of the transmitter.
---
## 3. Wiring Diagram Representation
For the standard M8 4-pin version, the electronic pinout generally follows the industry standard:
```text
Pin 1: Brown (+) --> 10-30V DC
Pin 2: White (NC) --> Not Connected or Teach-in
Pin 3: Blue (-) --> 0V (GND)
Pin 4: Black (Q) --> Digital Output (Switching signal)
```
---
## 4. Typical Applications
* **Packaging Industry:** Detecting the presence of bottles or boxes on a conveyor.
* **Robotics:** End-of-arm tooling to detect part pickup.
* **Electronics Assembly:** Monitoring the flow of small PCBs.
- ⤷
What is the maximum sensing distance for the FT120T-R?
- ⤷ How do I wire the NPN vs PNP versions of this sensor?
- ⤷ What is the difference between the 'T' and 'R' variants in this specific model series?