データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • FT901Q-R

  • AI
    ## Overview of the FT901Q-R The **FT901Q-R** is a high-performance 32-bit RISC microcontroller developed by **FTDI Chip**. It is specifically designed for high-speed connectivity and data-intensive applications, featuring the proprietary FT32 core. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Core** | 32-bit FT32 RISC (up to 100MHz) | | **Memory (Flash)** | 256 KB | | **Memory (RAM)** | 64 KB Data RAM + 256 KB Shadow RAM (for zero wait-state) | | **USB Support** | USB 2.0 High Speed (480Mbps) Host and Device | | **Ethernet** | 10/100 Mbps MAC (IEEE 802.3 compliant) | | **Package** | 76-pin VQFN | | **Operating Voltage** | 3.3V (Core operates at 1.2V via internal LDO) | --- ### 2. Major Hardware Subsystems The FT901Q-R is characterized by its wide array of integrated peripherals, making it a "System on Chip" (SoC) for bridge applications. #### A. Connectivity Interfaces * **USB High-Speed:** Includes both Host and Device controllers. This allows the chip to act as a peripheral (e.g., a high-speed camera) or a host (e.g., reading a thumb drive). * **Ethernet:** Integrated MAC requires an external PHY to complete the networking layer. * **Parallel Camera Interface:** Supports 8-bit / 10-bit camera sensors for video processing. #### B. High-Speed Serial Peripherals * **CAN Bus:** Dual CAN 2.0 controllers for automotive and industrial networking. * **I2S Master/Slave:** For high-quality digital audio input/output. * **SPI/I2C/UART:** Standard communication buses for interfacing with sensors and other MCUs. * **SD Host Controller:** Supports SD cards (Version 2.0). #### C. Power and Clocking * **Internal LDO:** Converts 3.3V input to 1.2V for the core logic. * **Power-On Reset (POR):** Integrated circuitry to ensure stable startup. * **Flexible Clocking:** Supports external crystals or oscillators. --- ### 3. Electronic Design Considerations When integrating the FT901Q-R into a PCB design, keep the following in mind: 1. **Shadow RAM Architecture:** The chip copies program code from Flash to "Shadow RAM" upon boot. This allows the CPU to run at 100MHz with **zero wait-states**, resulting in 3.10 DMIPS/MHz performance. 2. **Decoupling:** High-speed USB and Ethernet require precise decoupling capacitors near the VCC pins to minimize noise. 3. **Differential Pairs:** The USB D+/D- lines and Ethernet signals must be routed as differential pairs with controlled impedance (usually 90 ohms for USB). 4. **Heat Dissipation:** The VQFN package includes an exposed thermal pad that must be soldered to the PCB ground plane to manage heat during high-speed data transfers. --- ### 4. Common Applications * Home automation gateways. * USB-to-Ethernet or USB-to-High-Speed Serial bridges. * Industrial control systems requiring CAN and Ethernet. * Security cameras and VOIP applications. ---
    ✨ Follow-up Questions
    • ⤷What is the difference between the FT900 and FT901 series?
    • ⤷ Which development tools are recommended for programming the FT32 core?
    • ⤷ Does the FT901Q-R require an external PHY for Ethernet functionality?