データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • FTG-2F-R

  • AI
    The **FTG-2F-R** is a specific electronic component typically identified as a **High-Frequency Coaxial Connector** or a **F-Type Fixed Connector**, often used in telecommunications, cable television (CATV), and satellite communication systems. Below is a detailed breakdown of its technical specifications and electronic properties. --- ### 1. General Specifications | Feature | Description | | :--- | :--- | | **Component Type** | F-Type Coaxial Connector | | **Mounting Style** | PCB Mount (Right Angle / Fixed) | | **Impedance** | 75 Ohms (Standard for Video/Data) | | **Orientation** | Right Angle (R suffix often denotes Right-angle or Rear-mount) | | **Gender** | Female (Jack) | --- ### 2. Key Electronic Properties * **Impedance Matching:** Designed for **75Ω** systems to minimize signal reflection (Return Loss). This is critical for maintaining signal integrity in high-frequency data transmissions. * **Frequency Range:** Typically supports frequencies from **0 Hz (DC) to 3 GHz**, making it suitable for modern digital cable and high-definition satellite signals. * **Contact Resistance:** Engineered with low-resistance materials (often brass with gold or nickel plating) to ensure a stable electrical connection. * **Dielectric Strength:** Utilizes high-quality insulators (like Polypropylene or Teflon) to prevent electrical breakdown between the center conductor and the outer shield. --- ### 3. Physical & Material Construction * **Body Plating:** Usually **Nickel-plated brass**, providing excellent corrosion resistance and durability for long-term installations. * **Center Contact:** Often Phosphor Bronze or Brass with **Gold plating** to ensure superior conductivity and oxidation resistance. * **Mounting Interface:** Features solder pins for direct integration onto a Printed Circuit Board (PCB). The "2F" designation often refers to a dual-port configuration or a specific footprint layout used by manufacturers like **Kycon** or **Amphenol**. --- ### 4. Typical Applications 1. **Set-Top Boxes (STB):** The primary input/output port for cable and satellite receivers. 2. **Cable Modems:** Used for the DOCSIS interface to provide high-speed internet. 3. **Signal Splitters:** Used in the internal circuitry of signal distribution blocks. 4. **Test Equipment:** Integrated into RF measurement tools for video signal analysis. ---
    ✨ Follow-up Questions
    • ⤷ What are the specific PCB footprint dimensions for the FTG-2F-R?
    • ⤷ How does 75 Ohm impedance differ from 50 Ohm in RF connectors?
    • ⤷ Which manufacturers currently produce the FTG-2F-R series?