データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • FTG-45W-R

  • AI
    The **FTG-45W-R** is a high-performance, chassis-mount power resistor commonly used in industrial and automotive electronics. It is part of the "FTG" series, which features a TO-247 style package designed for mounting on a heatsink to manage high power dissipation. --- ### Technical Specifications Below are the primary electronic characteristics for the FTG-45W-R: | Parameter | Specification | | :--- | :--- | | **Power Rating (with Heatsink)** | 45 Watts | | **Power Rating (Free Air)** | 2.25 Watts | | **Resistance Range** | 0.02 Ω to 51 kΩ (varies by specific model) | | **Tolerance** | ±1% (Standard) or ±5% | | **Temperature Coefficient** | ±50 ppm/°C to ±100 ppm/°C | | **Package Style** | TO-247 (Through-hole) | | **Operating Temperature** | -55°C to +155°C | --- ### Key Electronic Components & Features 1. **Thick Film Technology**: The resistive element is made of a thick film metal glaze deposited on a high-purity alumina ceramic substrate. This allows for high stability and low inductance. 2. **Heat Dissipation Mechanism**: The "R" suffix often denotes the specific mounting or lead configuration. Because 45W is too much for a small component to handle alone, the part features a **metal backplate** (electrically isolated) that must be bolted to an external heatsink using thermal paste. 3. **Non-Inductive Design**: Unlike wire-wound resistors, the thick film construction is inherently non-inductive. This makes it ideal for high-frequency applications where inductive reactance would interfere with signal integrity. 4. **Dielectric Strength**: The internal resistive element is isolated from the mounting tab, typically providing an insulation resistance of over 10,000 MΩ and a dielectric strength of 2,000 VAC. --- ### Common Applications * **Snubber Circuits**: Used to suppress voltage spikes in switching power supplies. * **Load Resistors**: Used for testing power sources or discharging capacitors. * **Current Sensing**: In motor control or battery management systems. * **Dynamic Braking**: Small-scale braking for industrial motors. --- ### Installation Guidelines ```markdown 1. Ensure the mounting surface of the heatsink is flat (<0.05mm). 2. Apply a thin layer of thermal grease (silicone-based) to the backplate. 3. Use an M3 screw with a maximum torque of 0.9 Nm to prevent cracking the ceramic. 4. If used without a heatsink, the power must be derated to approximately 5% of its 45W rating. ```
    ✨ Follow-up Questions
    • ⤷ What is the derating curve for the FTG-45W-R at high temperatures?
    • ⤷ How does thick film technology compare to wire-wound for high-frequency use?
    • ⤷ What are the specific resistance values available for the FTG-45W series?