データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • FTG-51-R

  • AI
    The **FTG-51-R** is a specialized high-power electronic component, typically categorized as a **Triggered Spark Gap** (or gas discharge switch). These components are designed to handle extremely high voltages and currents, acting as a high-speed switch for pulsed power applications. --- ### 1. Key Technical Specifications Below are the typical electronic characteristics for the FTG-51-R series: | Parameter | Specification (Typical) | |:---|:---| | **Component Type** | Triggered Spark Gap / Gas Discharge Tube | | **Main Static Breakdown Voltage** | ~15kV to 25kV (Depending on specific sub-model) | | **Peak Current Capacity** | Up to 50kA (Kilo-Amperes) | | **Trigger Voltage Requirement** | 10kV to 20kV pulse | | **Operating Temperature** | -55°C to +125°C | | **Housing Material** | Ceramic-to-Metal Seal | --- ### 2. Internal Electronic Construction The FTG-51-R consists of three primary electronic elements: 1. **Main Electrodes:** Two robust metal electrodes separated by a precise gap. In its shelf state, the gas inside (often an inert mix) acts as an insulator. 2. **Trigger Electrode (Probe):** A smaller third electrode used to initiate the arc. When a high-voltage pulse is applied here, it ionizes the gas. 3. **Hermetic Ceramic Envelope:** Provides high dielectric strength and ensures the internal gas pressure remains constant over the component's lifespan. --- ### 3. Functional Operation The electronic behavior of the FTG-51-R follows a specific sequence: * **Blocking State:** The device remains "open," preventing high voltage from flowing between the main electrodes. * **Triggering Phase:** A fast-rising high-voltage pulse is applied to the trigger electrode. This creates a localized plasma. * **Conduction Phase:** The plasma bridge allows the main gap to break down, becoming a near-zero resistance path (short circuit) capable of carrying tens of thousands of Amperes. * **Recovery:** Once the energy source is depleted and current drops below a holding threshold, the gas de-ionizes and the device returns to its insulating state. --- ### 4. Common Applications Due to its ability to handle massive energy transfers in nanoseconds, it is used in: * **Medical Lithotripsy:** For generating shockwaves to break kidney stones. * **Crowbar Circuits:** Protecting sensitive equipment from massive over-voltage surges. * **High-Energy Physics:** Laser pumping and pulse forming networks. * **Defense Systems:** Ignition and firing sets.
    ✨ Follow-up Questions
    • ⤷What is the typical lifespan/shot count for the FTG-51-R?
    • ⤷ What are the safety precautions when handling triggered spark gaps?
    • ⤷ Can the FTG-51-R be used in AC power applications?