データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • FTG-66-R

  • AI
    The **FTG-66-R** is a specific model of a **Flat Heat Pipe** or thermal management component, typically manufactured by companies like Furukawa Electric. These are widely used in electronic devices (laptops, smartphones, and power electronics) to dissipate heat from high-performance chips. --- ## 1. Technical Specifications The "66" in the part number usually refers to the width or specific dimensions, while the "R" often denotes the bending radius or a specific revision. | Feature | Description | | :--- | :--- | | **Component Type** | Flat Heat Pipe (Copper-based) | | **Working Fluid** | Deionized Water (Vacuum-sealed) | | **Wick Structure** | Sintered Powder or Mesh (allows orientation-independent use) | | **Thermal Conductivity** | Extremely High (Exceeds solid copper by 10x - 100x) | | **Thickness** | Typically ultra-thin (often <1.0mm to 2.0mm) | --- ## 2. Operating Principle The FTG-66-R functions as a passive heat transfer device using **Phase Change Material (PCM)** technology. 1. **Evaporation:** Heat from an electronic component (like a CPU) boils the liquid inside the copper tube at the "hot end." 2. **Transportation:** The vapor travels through the vacuum chamber to the "cold end" (attached to a fan or heatsink). 3. **Condensation:** The vapor loses heat and turns back into liquid. 4. **Capillary Action:** The internal wick structure pulls the liquid back to the hot end to repeat the cycle. --- ## 3. Key Electronic Applications This part is essential in electronics where space is limited but power density is high: * **Mobile Devices:** Dissipating heat from 5G modems and mobile processors. * **Laptops/Ultrabooks:** Transferring heat from the GPU/CPU to the exhaust fins. * **LED Lighting:** Cooling high-power LED arrays to prevent lumen depreciation. * **Power Modules:** Cooling IGBTs or MOSFETs in power conversion circuits. --- ## 4. Design Integration Code Example When calculating the thermal resistance ($R_{th}$) for integrating such a part into a system simulation, engineers might use a simplified script: ```python # Simplified Thermal Resistance Calculation for Heat Pipe Integration def calculate_thermal_drop(power_watts, thermal_resistance_k_w): """ Calculates temperature delta across the heat pipe. """ temp_delta = power_watts * thermal_resistance_k_w return temp_delta # Example for FTG-66-R style pipe p_load = 15.0 # Power in Watts r_pipe = 0.05 # Estimated Thermal Resistance (K/W) print(f"Temperature Drop: {calculate_thermal_drop(p_load, r_pipe)}°C") ```
    ✨ Follow-up Questions
    • ⤷What are the specific dimensions (length/width) of the FTG-66-R?
    • ⤷ How does a flat heat pipe compare to a traditional round heat pipe in terms of efficiency?
    • ⤷ Can the FTG-66-R be custom-bent for specific PCB layouts?