データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • FTS-2C-R

  • AI
    The **FTS-2C-R** is an electronic module primarily used as a **Touch Sensor Controller**. It is commonly found in household appliances (like range hoods, induction cooktops, and microwaves) to handle capacitive touch inputs. --- ### 1. Key Technical Specifications The FTS-2C-R is designed to convert physical touch on a glass or plastic panel into electronic signals for the main control board. | Feature | Description | | :--- | :--- | | **Component Type** | Capacitive Touch Sensor Control Module | | **Input Channels** | Typically 2 to 4 touch channels (model dependent) | | **Operating Voltage** | Usually 3.3V or 5V DC | | **Interface** | Digital Output / PWM or Serial Communication | | **Sensitivity** | Adjustable via external capacitor or software | --- ### 2. Main Electronic Components Inside the FTS-2C-R module, you will typically find the following electronic parts: #### A. Capacitive Touch IC The "brain" of the module. This integrated circuit monitors the capacitance of the touch pads. When a finger approaches, the capacitance changes, and the IC triggers a signal. #### B. Filtering Capacitors Small SMD (Surface Mount Device) capacitors are used to filter electrical noise from the power supply. This prevents "ghost touches" or false triggers caused by electromagnetic interference (EMI). #### C. Resistor Network Resistors are used for: * **Pull-up/Pull-down:** To ensure the output signal stays in a known state (High or Low) when not touched. * **Current Limiting:** Protecting the IC from static discharge (ESD). #### D. Signal Pins / Header The module usually features a 4-pin or 5-pin connector: 1. **VCC:** Power input. 2. **GND:** Ground. 3. **OUT/SIG:** The signal sent to the main microcontroller. 4. **SET/ADJ:** Calibration pin for sensitivity. --- ### 3. Functional Operation The electronic logic follows this flow: 1. **Sensing:** The electrode on the PCB creates an electric field. 2. **Detection:** A human finger alters the dielectric constant of the field. 3. **Processing:** The IC detects the voltage drop/shift. 4. **Output:** The FTS-2C-R sends a digital `HIGH` or `LOW` signal to the appliance's main processor to execute a command (e.g., "Turn on Light"). --- ### 4. Common Applications * **Range Hoods:** Touch panels for fan speed and lighting. * **Cabinet Lighting:** Concealed touch switches behind wood or glass. * **Industrial HMI:** Basic touch interfaces in dusty environments where mechanical buttons fail.
    ✨ Follow-up Questions
    • ⤷ How do I adjust the sensitivity of an FTS-2C-R module?
    • ⤷ What is the typical pinout for the FTS-2C-R connector?
    • ⤷ Can this module work through thick tempered glass?