データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • FTS-30-R

  • AI
    The **FTS-30-R** typically refers to a high-precision, fiber-optic or high-frequency electronic component, often used in telecommunications or time-frequency synchronization systems. While specific manufacturers use this prefix (such as *Symmetricom/Microsemi* for frequency standards or *Furukawa* for optical components), the following breakdown explains the common electronic architecture of this class of device. --- ### 1. Core Component Breakdown The "R" suffix usually denotes a **Rack-mount** configuration or a **Redundant** power supply feature. Below are the primary electronic sections: | Module | Function | Key Components | | :--- | :--- | :--- | | **Power Supply Unit (PSU)** | Converts AC/DC input to stabilized DC rails. | Switching regulators, EMI filters, Electrolytic capacitors. | | **Oscillator / Clock Source** | Provides the base frequency reference. | OCXO (Oven Controlled Crystal Oscillator) or Rubidium source. | | **Signal Distribution** | Splits the input signal to multiple outputs. | High-speed buffers, RF amplifiers, 50-ohm impedance traces. | | **Control Logic** | Manages system health and configuration. | Microcontrollers (MCU) or FPGA, EEPROM for settings. | | **Interface Board** | Handles external communication. | RS-232/485 drivers, Ethernet PHY, Status LEDs. | --- ### 2. Technical Specifications (Typical) If this device is functioning as a frequency/time standard, it operates with the following electronic characteristics: * **Input Impedance:** Generally 50 $\Omega$ for RF signals. * **Signal Type:** Sine wave or Square wave (TTL/CMOS levels). * **Stability:** Often measured in Parts Per Billion (PPB) or Allen Variance. * **Connectors:** BNC or SMA for RF; DB9 or RJ45 for management. --- ### 3. Internal Circuitry Logic The internal architecture follows a specific signal path to ensure low phase noise and high reliability: ```mermaid graph LR A[Power Input] --> B[Voltage Regulation] B --> C[Reference Oscillator] C --> D[Distribution Amp] D --> E[Output Ports 1-N] F[MCU/Monitoring] -.-> C F -.-> B ``` #### Key Electronic Features: 1. **Isolation:** The outputs are electronically isolated to prevent a short circuit on one port from crashing the entire system. 2. **Thermal Management:** In high-precision models (like the OCXO versions), internal heaters maintain a constant temperature for the crystal to prevent frequency drift. 3. **Filtering:** LC low-pass filters are used on output stages to remove harmonic distortion. ---
    ✨ Follow-up Questions
    • ⤷Who is the primary manufacturer of the FTS-30-R unit you are referring to?
    • ⤷ What are the specific pinout configurations for the FTS-30-R interface?
    • ⤷ How does the 'R' variant differ from the standard FTS-30 model in terms of power redundancy?