データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • FTS-40-R

  • AI
    The **FTS-40-R** typically refers to a high-precision **Quartz Crystal Oscillator**, often used as a frequency timing standard. These components are critical in telecommunications, broadcasting, and synchronization systems. --- ### 1. Core Technical Specifications The "FTS" series (often associated with brands like FEI or Vectron) generally represents a **Frequency Timing Standard**. Below are the typical electronic characteristics for a unit in this class: | Feature | Description | | :--- | :--- | | **Output Frequency** | Usually 5 MHz or 10 MHz (standard reference frequencies). | | **Stability** | High stability (TCXO or OCXO grade), often in the range of $1 \times 10^{-10}$ per day. | | **Supply Voltage** | Typically +15V to +24V DC. | | **Connector Type** | Often uses BNC or SMA for RF output and solder pins for power. | | **Package** | Ruggedized metal housing for EMI shielding. | --- ### 2. Key Internal Electronic Parts The FTS-40-R is comprised of several sophisticated sub-circuits designed to maintain a precise frequency: #### A. Quartz Crystal Unit The heart of the device. It is often a "SC-cut" (Stress Compensated) crystal, which is less sensitive to mechanical and thermal shock compared to standard AT-cut crystals. #### B. Oven Control Circuit (OCXO) Since the "40" series often implies an Oven Controlled Crystal Oscillator: * **Heating Element:** A power transistor or resistive heater. * **Thermistor:** A sensor that monitors the internal temperature. * **Control Loop:** A proportional controller circuit that keeps the crystal at a "turnover temperature" (usually around 75°C to 85°C) where the frequency is most stable. #### C. Buffer Amplifier An internal electronic stage that isolates the crystal oscillator from the output load. This ensures that changes in the external impedance do not "pull" the frequency away from its target. #### D. Voltage Regulator Low-noise internal regulators that filter the input power. Even minor fluctuations in supply voltage can cause "phase noise," so high-quality capacitors and zener diodes are used here. --- ### 3. Application Use Cases * **Base Stations:** Providing the clock for cellular networks (LTE/5G). * **GPS/GNSS Receivers:** Acting as a local holdover clock when satellite signals are lost. * **Lab Equipment:** Serving as the internal reference for frequency counters or signal generators. --- ### 4. Schematic Topology Example While proprietary, the general block diagram follows this logic: ```mermaid graph LR A[Power Input] --> B[Voltage Regulator] B --> C[Oven Controller] C --> D[Crystal Oscillator] D --> E[Buffer Amp] E --> F[RF Output] ```
    ✨ Follow-up Questions
    • ⤷ What is the specific frequency output for the FTS-40-R model?
    • ⤷ How does an OCXO differ from a standard TCXO in terms of power consumption?
    • ⤷ What are the pinout configurations for the FTS-40-R power and signal connections?